Electronic Components Datasheet Search
  English  ▼

X  

OPA2677 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2677
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2677 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2677 Datasheet HTML 9Page - Texas Instruments OPA2677 Datasheet HTML 10Page - Texas Instruments OPA2677 Datasheet HTML 11Page - Texas Instruments OPA2677 Datasheet HTML 12Page - Texas Instruments OPA2677 Datasheet HTML 13Page - Texas Instruments OPA2677 Datasheet HTML 14Page - Texas Instruments OPA2677 Datasheet HTML 15Page - Texas Instruments OPA2677 Datasheet HTML 16Page - Texas Instruments OPA2677 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
TA – Free-Air Temperature – °C
0.15
0.2
0.25
0.3
0.35
0.4
–40
–20
0
20
40
60
80
100
QUIESCENT CURRENT IN SHUTDOWN MODE
vs
FREE-AIR TEMPERATURE
VCC = ± 12 V
VCC = ± 6 V
Both Amplifiers
Figure 26
7
8
9
10
11
12
–40
–20
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
VOS
Differential VOS
VCC = ± 6 V to ± 12 V
INPUT OFFSET VOLTAGE AND
DIFFERENTIAL INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Temperature – °C
Figure 27
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–40
–20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA – Temperature – °C
VCC = ±6 V to ± 12 V
IIB–
IIB+
20
30
40
50
60
70
80
10 k
100 k
1 M
10 M
100 M
Gain = 2
Rf = 1 kΩ
VCC = +6 V
RL = 25 Ω
VCC = +12 V
RL = 100 Ω
f – Frequency – Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com