Electronic Components Datasheet Search
  English  ▼

X  

OPA2677 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2677
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2677 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA2677 Datasheet HTML 23Page - Texas Instruments OPA2677 Datasheet HTML 24Page - Texas Instruments OPA2677 Datasheet HTML 25Page - Texas Instruments OPA2677 Datasheet HTML 26Page - Texas Instruments OPA2677 Datasheet HTML 27Page - Texas Instruments OPA2677 Datasheet HTML 28Page - Texas Instruments OPA2677 Datasheet HTML 29Page - Texas Instruments OPA2677 Datasheet HTML 30Page - Texas Instruments OPA2677 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown control
The THS6043 is essentially the same amplifier as the THS6042. The only difference is the added flexibility of
a shutdown circuit. When the shutdown pin signal is low, the THS6043 is active. But, when a shutdown pin is
high (
≥2 V), the THS6043 is turned off. The shutdown logic is not latched and should always have a signal
applied to it. To help ensure a fixed logic state, an internal 50 k
Ω resistor to GND is utilized. An external resistor,
such as a 3.3 k
Ω, to GND may be added to help improve noise immunity within harsh environments. If no
external resistor is utilized and SHDN pin is left unconnected, the THS6043 defaults to a power-on state. A
simplified circuit can be seen in Figure 47.
+VCC
To Internal
Bias Circuitry
Control
–VCC
GND
GND
50 k
Ω
SHDN
Figure 47. Simplified THS6043 Shutdown Control Circuit
One aspect of the shutdown feature, which is often over-looked, is that the amplifier does not have a large output
impedance while in shutdown mode. This is due to the RF and RG resistors. This effect is true for any amplifier
connected as an amplifier with gains >1. The internal circuitry may be powered down and in a high-impedance
state, but the resistors are always there. This allows the signal to flow through these resistors and into the ground
connection. Figure 48 shows the results of the output impedance with no feedback resistor and a typically
configured amplifier.
0.01
0.1
1
10
100
1000
10 K
100 K
1 M
10 M
100 M
1 G
f – Frequency – Hz
Open Loop
VCC = ±5 V to ±15 V
Gain = –8
RF = 750 Ω
Figure 48. Output Impedance In Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com