Electronic Components Datasheet Search
  English  ▼

X  

PS60 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS60
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 2 Page - Copal Electronics

  PS60_16 Datasheet HTML 1Page - Copal Electronics PS60_16 Datasheet HTML 2Page - Copal Electronics PS60_16 Datasheet HTML 3Page - Copal Electronics PS60_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS60
PRESSURE SWITCHES WITH GAUGE
Item
Model number
102R
302R
103R
PS60
■ STANDARD SPECIFICATIONS
Pressure reference
Gauge
Non-corrosive gases
−100 ~ 100
−100 ~ 300
−100 ~ 1000
200
600
1500
500
1000
2000
−10 ~ 50
0 ~ 50
35 ~ 85(No condensation)
−20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx.
50(Includihg cable)
12 ~ 24 V
± 10 %(Including ripple percentage)
30
100 (500 V DC)
± 3 %F.S. (0 ~ 50 °C)
500 V AC, 60 s(Leakage current 1 mA maximum)
M5 Female screw
3-digit LED
−100 ~ 100 kPa
−100 ~ 300 kPa
−0.10 ~ 1.00 MPa
± 1 %F.S.
1 count
Pressure medium
Rated pressure range
kPa
Maximum pressure
kPa
Break-down pressure
kPa
Operating temp. range
°C
Compensated temp. range
°C
Operating humidity
%RH
Storage temp.
°C
Net weight
g
Supply voltage
V DC
Consumption current
mA max.
Insulation resistance M
Ω min.
Thermal error
Dielectric strength
Pressure port
Display element
Rated display range
Display accuracy
0 ∼ 50℃
(Reference temp. 25 °C)
Resolution
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 24 V DC.
0 ~ 30 counts
30 V 100 mA maximum
1.2 (NPN), 2.2 (PNP)
−110 kPa (approx.) ~ “999” counts
Red LED ON
± 0.3 %F.S. maximum
Approx. 5, 25, 250
PS60 cable, DIN rail adaptor
Adjustable range
Switching capacity
Residual voltage
V maximum
Display
Repeatability
Switch
hysteresis
Response
ms
Accessories
Open collector output (NPN or PNP)
Adjustable by panel switch
2
No. of outputs
Output interface
Setting method



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com