Electronic Components Datasheet Search
  English  ▼

X  

PS60 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS60
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 3 Page - Copal Electronics

  PS60_16 Datasheet HTML 1Page - Copal Electronics PS60_16 Datasheet HTML 2Page - Copal Electronics PS60_16 Datasheet HTML 3Page - Copal Electronics PS60_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS60
PRESSURE SWITCHES WITH GAUGE
■ CIRCUIT DIAGRAMS
Pressure
Load
S.Output1
Main circuit
Power
B
Sensor
Common
S.Output2
Load
2
LED Indicator
1
LED
Pressure indication
Sensor
Main circuit
Pressure
Power
B
S.Output2
1
LED Indicator
2
Pressure indication
LED
Common
S.Output1
Load
Load
O NPN open collector
O PNP open collector
■ SWITCH OUTPUT MODE
■ DISPLAY RANGE
Output
Mode
Operation
Pressure setting
(Operating point)
Setting 1
Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
(Lower limit) : Setting 1
(Upper limit) : Setting 2
SW1
SW2
Separate mode
Window comparator mode
S- 1
S- 2
S- 3
S- 4
C- 5
C- 6
C- 7
C- 8
Separate
Window comparator
Separate
Window comparator
HI
LO
A
B
HI
LO
A
B
(HI operation)
(
LO operation
)
(A operation)
(
B operation
)
P1: SW1
P2: SW2
P1
P2
P1
P2
OFF
ON
ON
ON
ON
-Pr
OFF
OFF
OFF
Pr
-Pr
Pr
-Pr
Pr
HH
P1: SW1
P2: SW2
OFF
ON
-Pr
Pr
HH
HH
HH
H: Switch hysteresis、
P1= Setting 1 、P2= Setting 2
P1
≦P2 or P1≧P2
P1
≦P2–2H
Note 1. In the Separate Mode, setting 1 corresponds to SW1, and
Setting 2 corresponds to SW2.
Note 2. In the Window Comparator Mode, the minimum value for
SW1 and SW2 corresponds to Setting 1 and the maximum
value corresponds to Setting 2.
※ Atmospheric pressure
O Display range can be selected as the table.
Note) “–” on the table indicates that it is not selectable in relation to resolution and display lines.
※ : In terms of setting display range, please verify the default mode.
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
40 °C, 90 ~ 95 %RH, 240 hrs.
0 ~ Rated pressure, 106 cycles
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
ý
EMS : EN61326-1 : 2006 Table 2
Pressure indication and switch operating output :
± 2 %F.S., maximum each after test
Pressure indication and switch operating output, alalog
output :
± 5 %F.S., maximum during test
Shock
Moisture resistance
Pressure cycling
EMC
Number
1 (kPa)
2 (MPa)
3
4
5
6
Rated pressure range
102R
–100 ~ 100
–100 ~ 300
—
—
—
–0.10 ~ 1.00
–75 ~ 75
–75 ~ 225
—
–1.00 ~ 1.00
–1.00 ~ 3.00
–1.0 ~ 10.0
–14.5 ~ 14.5
–14.5 ~ 43.5
–14 ~ 145
29.5 ~ 0.0※
29.5 ~ 0.0※
—
302R
103R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com