Electronic Components Datasheet Search
  English  ▼

X  

PS60 Datasheet(PDF) 4 Page - Copal Electronics

Part # PS60
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 4 Page - Copal Electronics

  PS60_16 Datasheet HTML 1Page - Copal Electronics PS60_16 Datasheet HTML 2Page - Copal Electronics PS60_16 Datasheet HTML 3Page - Copal Electronics PS60_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Length : 1500 50
Heat shrink tube (Black)
4-core cable
AWG26 ULNo.2844
(
4)
φ
1
4
Housing : Manufactured by JST (XAP-04V-1)
Contact : Manufactured by JST (SXA-001T-P0.6L)
70 20
50 10
(5)
■ OUTLINE DIMENTIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
PS60
PRESSURE SWITCHES WITH GAUGE
Pressure port (PA MXD6)
Mounting hole
Part No. (Laser marking)
DIN rail adapter (accessory)
Connector : Pitch / 4 poles
Housing : Manufactured by JST (XAP-04V-1)
< Terminal No. >
4
1
Housing (PBT)
Panel seet (Polyester)
8
4.5
2 –
3.1
(52.5)
4.5
4
φ
Pressure port (BSBM, Ni-plated)
Insert screw : M5 depth 5
O Pressure port M type (NMCN, PMCN)
Terminal no.
4
3
2
1
Connection
SW output 1
SW output 2
Power (DC10.8 ~ 26.4 V)
Common
Pin no.
4
3
2
1
Wire color
Connection
Black
SW output 1
White
SW output 2
Blown
Power
B
Blue
Common
■ Accessories
O DIN rail adapter
O Connector cable
6.5
10
PS60
54.2
DIN rail (width 35)
adaptaion
Tolerated stroke 2 maximuum
DIN base : PBT
Slide (DIN stopper) : POM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com