Electronic Components Datasheet Search
  English  ▼

X  

PS8 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS8
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS8 Datasheet(HTML) 1 Page - Copal Electronics

  PS8_16 Datasheet HTML 1Page - Copal Electronics PS8_16 Datasheet HTML 2Page - Copal Electronics PS8_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
Part name
Material
“O” ring(P18)
Sealed liquid
Sensor chip
Fitting
Stainless steel diaphragm
1
5 3
2
4
SUS 316L
Fluoro-rubber
Silicone oil
Silicone
SUS 316
INTERNAL STRUCTURE
PS8
O Solidstate pressure switch with no mechanical moving parts
O High corrosion resistance by double diaphragm structure
O Two pressure setting points
O Wide pressure medium compatibility
■ FEATURES
■ MODEL NUMBER DESIGNATION
P S 8 - 1 0 2 G
Series name
Rated pressure range
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Pressure reference
G
:Gauge
V
:Gauge (Vacuum)
PRESSURE SWITCHES
PS8
Pressure reference
Gauge
0 ~ 98.1 {0 ~ 1}
0 ~ 343 {0 ~ 3.5}
0 ~ 981 {0 ~ 10}
0 ~ 98.1 {0 ~ 1}
kPa {kgf/cm2}
Rated pressure range
G 3/8(PF 3/8)
Pressure port
■ LIST OF MODEL NUMBERS
PS8-102G
PS8-352G
PS8-103G
PS8-102V
K Verify the above model numbers when placing orders.


Similar Part No. - PS8_16

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PS811 TEC-PS811 Datasheet
224Kb / 2P
PS8 Series – Threaded Proximity Sensor
More results

Similar Description - PS8_16

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
logo
List of Unclassifed Man...
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com