Electronic Components Datasheet Search
  English  ▼

X  

PS8 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS8
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS8 Datasheet(HTML) 2 Page - Copal Electronics

  PS8_16 Datasheet HTML 1Page - Copal Electronics PS8_16 Datasheet HTML 2Page - Copal Electronics PS8_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
No. of output
Output interface
Setting method
Adjustable range
2
NPN open collector output
Adjustable by VR
10 ~ 100 % of rated pressure
Accuracy
0 ~ 50 °C (Reference temp.: 25 °C)
Hysteresis
Switching capacity
Residual voltage
Response
30 V DC 80 mA maximum
0.8
Approx. 2
V maximum
ms
± 3
2
% F.S. maximum
% F.S.
Display
Red LED (lighted when output is ON.)
PS8
PRESSURE SWITCHES
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Pressure medium
Insulation resistanca
Dielectric strength
Sealed liquid
Pressure port
Net weight
Model number
PS8
102G
102V
352G
103G
Gauge
98.1 {1}
− 98.1 {−1}
343 {3.5}
981 {10}
196 {2}
686 {7}
1961 {20}
294 {3}
1030 {10.5}
2941 {30}
Corrosive gases/liquids compatible with SUS 316L or SUS 316
Approx. 120
12 ~ 24
± 10 %
100 (500 V DC)
500 V AC, 60 s(Leakage current 1mA maximum)
Silicone oil
G 3/8 (PF 3/8) ※
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure humidity 65 %RH maximum)
− 20 ~ 70
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
M
Ω
minimum
g
V DC
Ripple content
Consumption current
10 % (P-P) maximum
20 mA
maximum
maximum
※ : An “O” ring is supplied as accessory. (P18).
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com