Electronic Components Datasheet Search
  English  ▼

X  

PS8 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS8
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS8 Datasheet(HTML) 3 Page - Copal Electronics

  PS8_16 Datasheet HTML 1Page - Copal Electronics PS8_16 Datasheet HTML 2Page - Copal Electronics PS8_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Load
S.Output1
Main circuit
Power
B
Sensor
Common
Shield
S.Output2
Load
2
LED Indicator
1
Pressure
(50.2)
11
11
28.2
)
( Aluminum with
alumite finish
Housing
4-core shielded cable
L = 600
+100
0
(
3.6) AWG26
φ
28
G 3/8 (PF 3/8)
(SUS 316)
φ
27
Stainless steel diaphragm (SUS 316L)
“0” ring (P 18)
Fluoro – rubber
P 1
P 2
Indicator LED 1
Indicator LED 2
Setting VR 1
Setting VR 2
OFF
Hysteresis
Set value
Hysteresis
Set value
–98.1 kPa
Rated pressure
10 % of rated pressure
–9.8 kPa
ON
OFF
ON
※ 2 switches show same performance.
PS8
PRESSURE SWITCHES
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
981 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Switch output setting:
± 1 %F.S. maximum
Shock
Pressure cycling
Moisture resistance
■ INTERNAL ELECTRICAL SCHEMATICS
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
OPS8
O PS8-102V
O PS8- *** G
Wire color
Red
Green
White
Black
Shield
Connection
Power
B
Output 1
Output 2
Common
Fitting
■ SWITCHING OPERATION
Extra care should be taken with the diaphragm part. Do not touch the diaphragm directly to avoid damaging the diaphragm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com