Electronic Components Datasheet Search
  English  ▼

X  

T2802 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 6Page - ATMEL Corporation T2802 Datasheet HTML 7Page - ATMEL Corporation T2802 Datasheet HTML 8Page - ATMEL Corporation T2802 Datasheet HTML 9Page - ATMEL Corporation T2802 Datasheet HTML 10Page - ATMEL Corporation T2802 Datasheet HTML 11Page - ATMEL Corporation T2802 Datasheet HTML 12Page - ATMEL Corporation T2802 Datasheet HTML 13Page - ATMEL Corporation T2802 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
T2802
4509F–DECT–10/03
37
RAMP_SET
Slew-rate setting of ramping signal
38
39
RX_ON
TX_ON
RX control input
TX control input
40
41
MIXER_OUT1
MIXER_OUT2
Mixer output to SAW filter
Mixer output to SAW filter
Pin Description (Continued)
Pin
Symbol
Function
Configuration
100
RAMP SET
37
VS_MIXER
42
GND2
28
1k
VS_IF
33
RX_ON
TX_ON
38, 39
5k
5k
VS_IF
33
GND1
18
GND2
28
270
270
MIXER_OUT2
41
MIXER_OUT1
40
GND2
28
VS_MIXER
42
VS_IF
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com