Electronic Components Datasheet Search
  English  ▼

X  

T2802 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 18Page - ATMEL Corporation T2802 Datasheet HTML 19Page - ATMEL Corporation T2802 Datasheet HTML 20Page - ATMEL Corporation T2802 Datasheet HTML 21Page - ATMEL Corporation T2802 Datasheet HTML 22Page - ATMEL Corporation T2802 Datasheet HTML 23Page - ATMEL Corporation T2802 Datasheet HTML 24Page - ATMEL Corporation T2802 Datasheet HTML 25Page - ATMEL Corporation T2802 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
T2802
4509F–DECT–10/03
Handling
Do not operate this part near strong electrostatic fields. This IC meets class 1 ESD test
requirement (HBM in accordance to EIA/JESD22-A114-A (October 97) and class A ESD
test requirement (MM) in accordance to EIA/JESD22-A115A.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages refer to GND
Parameters
Pin
Symbol
Min.
Max.
Unit
Supply voltage regulator
10
V
S_REG
3.2
4.7
V
Supply voltage
7, 12, 14, 33, 42
V
S
3.0
4.7
V
Logic input voltage
1, 2, 3, 38, 39,
44-48
VIN
-0.3
VS
V
Junction temperature
T
jmax
150
°C
Storage temperature
T
stg
-40
150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
25
K/W
Operating Range
Parameters
Pin
Symbol
Min.
Typ.
Max.
Unit
Supply voltage regulator
10
V
S_REG
3.2
3.6
4.6
V
Supply voltage
7, 14, 33, 42
V
S
2.9
3.0
4.6
V
Supply voltage charge pump
12
V
SCP
V
S
4.6
V
Ambient temperature
T
amb
-25
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com