Electronic Components Datasheet Search
  English  ▼

X  

T2802 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # T2802
Description  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 20Page - ATMEL Corporation T2802 Datasheet HTML 21Page - ATMEL Corporation T2802 Datasheet HTML 22Page - ATMEL Corporation T2802 Datasheet HTML 23Page - ATMEL Corporation T2802 Datasheet HTML 24Page - ATMEL Corporation T2802 Datasheet HTML 25Page - ATMEL Corporation T2802 Datasheet HTML 26Page - ATMEL Corporation T2802 Datasheet HTML 27Page - ATMEL Corporation T2802 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
T2802
4509F–DECT–10/03
VCOs
Frequency range
TX-VCO, D12 (VS) = 1
RX-VCO, D12 (VS) = 0
fvco
f
vco
2400
2289
2500
2389
MHz
MHz
Tuning gain
G
tune
70
MHz/V
Frequency control voltage range
Pin 17
V
tune
0.4
2.8
V
VCO_DAC range
See bus protocol D3 ... D6
Df
vco,DAC
±5%
PLL
Scaling factor prescaler
S
PSC
32/33
Scaling factor main counter
S
MC
40 - 47
Scaling factor swallow counter
S
SC
031
External reference input frequency
AC coupled sinewave, pin 4
f
REF_CLK
10.368
13.824
20.736
27.648
MHz
MHz
MHz
MHz
External reference input voltage
AC coupled sinewave, pin 4
V
REF_CLK
50
250
mV
RMS
Scaling factor reference counter
S
RC
3/4/6/8
Charge Pump (Pin 13)
Output current
V
CP = VVS_CP /2, I_CPSW = ‘1’,
Pin 48
I
CP_nom
7.5
mA
Output current
V
CP = VVS_CP /2, I_CPSW = ‘0’,
Pin 48
ICP_nom
1.2
mA
Current scaling
I
CP = ICP_nom + CPCS
´ I
CP_step
(see bus protocol D1 ... D2)
I
CP_step
0.2
mA
Leakage current
IL
±100
pA
Gaussian Transmit Filter (Gaussian Shape B
´ T = 0.5)
Tx data filter clock
6 taps in filter
f
TXFCLK
6.912
MHz
Frequency deviation
GFFM_nom
±400
kHz
Frequency deviation scaling
GF
FM = GFFM_nom
´ GFCS
(see bus protocol D7 ... D9)
GFCS
60
130
%
Modulation Compensation Circuit
Oversampling
OVS
6
Digital sum variation
DSV
85
Current scaling factor
See bus protocol E3 ... E5
MCCS
60
130
%
TX Driver (Pin 32)
Maximum output power
At L = 5.6 nH, pin 32
(see bus protocol E11 - E12)
PTX
3dBm
Minimum output power
At L = 5.6 nH, pin 32
(see bus protocol E11 - E12)
P
TX
-21
dBm
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS_REG = 3.2 V, Tamb = 25°C
Parameters
Test Conditions/Pins
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com