Electronic Components Datasheet Search
  English  ▼

X  

T5750 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T5750
Description  UHF ASK/FSK TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5750 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T5750 Datasheet HTML 4Page - ATMEL Corporation T5750 Datasheet HTML 5Page - ATMEL Corporation T5750 Datasheet HTML 6Page - ATMEL Corporation T5750 Datasheet HTML 7Page - ATMEL Corporation T5750 Datasheet HTML 8Page - ATMEL Corporation T5750 Datasheet HTML 9Page - ATMEL Corporation T5750 Datasheet HTML 10Page - ATMEL Corporation T5750 Datasheet HTML 11Page - ATMEL Corporation T5750 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
T5750 [Preliminary]
4546B–RKE–07/04
Figure 8. ESD Protection Circuit
CLK
PA_ENABLE
ANT2
ANT1
XTAL
ENABLE
VS
GND
Absolute Maximum Ratings
Parameters
Symbol
Minimum
Maximum
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
° C
Storage temperature
T
stg
-55
125
° C
Ambient temperature
T
amb
-55
125
° C
Input voltage
V
maxPA_ENABLE
-0.3
(V
S + 0.3)
(1)
V
Note:
1. If V
S + 0.3 is higher than 3.7 V, the maximum voltage will be reduced to 3.7 V.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
170
K/W
Electrical Characteristics
V
S = 2.0 V to 4.0 V, Tamb = -40°C to 125°C unless otherwise specified.
Typical values are given at V
S = 3.0 V and Tamb = 25°C. All parameters are referred to GND (Pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
VENABLE < 0.25 V, -40°C to 85°C
V
PA_ENABLE < 0.25 V, -85°C to +125° C
V
PA_ENABLE < 0.25 V, 25°C
(100% correlation tested)
I
S_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, V
S = 3 V,
V
ENABLE > 1.7 V, VPA_ENABLE <0.25 V
I
S
3.6
4.6
mA
Power up, VS = 3.0 V,
V
ENABLE > 1.7 V, VPA_ENABLE >1.7 V
I
S_Transmit
8.5
11
mA
Output power
V
S = 3.0 V, Tamb =25° C,
f = 868.3 MHz, ZLoad = (166 + j226) Ω
PRef
3.5
5.5
8
dBm
Note:
1. If V
S is higher than 3.6 V, the maximum voltage will be reduced to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com