Electronic Components Datasheet Search
  English  ▼

X  

T5750 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T5750
Description  UHF ASK/FSK TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5750 Datasheet(HTML) 5 Page - ATMEL Corporation

  T5750 Datasheet HTML 1Page - ATMEL Corporation T5750 Datasheet HTML 2Page - ATMEL Corporation T5750 Datasheet HTML 3Page - ATMEL Corporation T5750 Datasheet HTML 4Page - ATMEL Corporation T5750 Datasheet HTML 5Page - ATMEL Corporation T5750 Datasheet HTML 6Page - ATMEL Corporation T5750 Datasheet HTML 7Page - ATMEL Corporation T5750 Datasheet HTML 8Page - ATMEL Corporation T5750 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
T5750 [Preliminary]
4546B–RKE–07/04
Output Matching and Power
Setting
The output power is set by the load impedance of the antenna. The maximum output
power is achieved with a load impedance of Z
Load,opt = (166 + j226) Ω at 868.3 MHz.
There must be a low resistive path to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 7.7 mA and the maximum output
power is delivered to a resistive load of 475
Ω if the 0.53 pF output capacitance of the
power amplifier is compensated by the load impedance.
An optimum load impedance of:
Z
Load =475 Ω || j/(2 ×π × f × 0.53 pF) = (166 + j226) Ω thus results for the maximum out-
put power of 5.5 dBm.
The load impedance is defined as the impedance seen from the T5750’s ANT1, ANT2
into the matching network. Do not confuse this large signal load impedance with a small
signal input impedance delivered as input characteristic of RF amplifiers and measured
from the application into the IC instead of from the IC into the application for a power
amplifier.
Less output power is achieved by lowering the real parallel part of 475
Ω where the
parallel imaginary part should be kept constant.
Output power measurement can be done with the circuit of Figure 5. Note that the com-
ponent values must be changed to compensate the individual board parasitics until the
T5750 has the right load impedance Z
Load,opt = (166 + j226) Ω at 868.3 MHz. Also the
damping of the cable used to measure the output power must be calibrated out.
Figure 5. Output Power Measurement
Application Circuit
For the supply-voltage blocking capacitor C
3 a value of 68 nF/X7R is recommended
(see Figure 6 on page 6 and Figure 7 on page 7). C
1 and C2 are used to match the loop
antenna to the power amplifier where C
1 typically is 3.9 pF/NP0 and C2 is 1 pF/NP0; for
C
2 two capacitors in series should be used to achieve a better tolerance value and to
have the possibility to realize the Z
Load,opt by using standard valued capacitors.
C
1 forms together with the pins of T5750 and the PCB board wires a series resonance
loop that suppresses the 1st harmonic, hence the position of C
1 on the PCB is important.
Normally the best suppression is achieved when C
1 is placed as close as possible to the
Pins ANT1 and ANT2.
The loop antenna should not exceed a width of 1.5 mm, otherwise the Q-factor of the
loop antenna is too high.
L
1 (≈ 50 nH to 100 nH) can be printed on PCB. C4 should be selected so that the XTO
runs on the load resonance frequency of the crystal. Normally, a value of 12 pF results
for a 15 pF load-capacitance crystal.
~
ANT2
ANT1
Rin
Power
meter
L
1 = 10n
C
2 = 1.5p
Z
Lopt
V
S
Z = 50
Ω
50
Ω
C
1 = 1n
3
C = 2.7p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com