| Electronic Components Datasheet Search |
|
T5750 Datasheet(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T5750 Datasheet(HTML) 3 Page - ATMEL Corporation |
|
3 / 12 page ![]() 3 T5750 [Preliminary] 4546B–RKE–07/04 Figure 3. Block Diagram General Description This fully integrated PLL transmitter allows particularly simple, low-cost RF miniature transmitters to be assembled. The VCO is locked to 64 × f XTAL hence a 13.5672 MHz crystal is needed for a 868.3 MHz transmitter and a 14.2969 MHz crystal for a 915 MHz transmitter. All other PLL and VCO peripheral elements are integrated. The XTO is a series resonance oscillator so that only one capacitor together with a crystal connected in series to GND are needed as external elements. The crystal oscillator together with the PLL needs typically <1 ms until the PLL is locked and the CLK output is stable. There is a wait time of ≥ 4 ms must be used until the CLK is used for the microcontroller and the PA is switched on. The power amplifier is an open-collector output delivering a current pulse which is nearly independent from the load impedance. The delivered output power is hence controllable via the connected load impedance. This output configuration enables a simple matching to any kind of antenna or to 50 Ω. A high power efficiency of η=P out/(IS,PA × VS) of 24% for the power amplifier at 868.3 MHz results when an optimized load impedance of ZLoad = (166 + j226) Ω is used at 3 V sup- ply voltage. CLK PA_ENABLE ANT2 ANT1 ENABLE GND VS XTAL 1 2 3 4 5 6 7 8 VCO LF CP f 64 XTO PLL PA f 4 Power up / down T5750 PFD |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |