Electronic Components Datasheet Search
  English  ▼

X  

BSS314PE Datasheet(PDF) 1 Page - ZP Semiconductor

Part # BSS314PE
Description  OptiMOS??P 3 Small-Signal-Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

BSS314PE Datasheet(HTML) 1 Page - ZP Semiconductor

  BSS314PE Datasheet HTML 1Page - ZP Semiconductor BSS314PE Datasheet HTML 2Page - ZP Semiconductor BSS314PE Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BSS314PE
OptiMOS™-P 3 Small-Signal-Transistor
Features
• P-channel
• Enhancement mode
• Logic level (4.5V rated)
• ESD protected
• Qualified according AEC Q101
• 100% Lead-free; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
-1.5
A
T A=70 °C
-1.2
Pulsed drain current
I D,pulse
T A=25 °C
-6.1
Avalanche energy, single pulse
E AS
I D=-1.5 A, R GS=25 W
6
mJ
Reverse diode dv /dt
dv /dt
I D=-1.5 A,
V DS=-16 V,
di /dt =-200A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
1)
P tot
T A=25 °C
W
Operating and storage temperature
T j, T stg
-55 ... 150
°C
ESD Class
JESD22-A114 -HBM
1000V to 2000V
Soldering Temperature
260 °C
°C
IEC climatic category; DIN IEC 68-1
55/150/56
°C
Value
0.5
PG-SOT-23
3
1
2
V
DS
30
V
R
DS(on),max
V
GS=-10 V
140
m
W
V
GS=-4.5 V
230
I
D
-1.5
A
Product Summary
Type
Package
Tape and Reel Information
Marking
Lead Free
Packing
BSS314PE
PG-SOT23
H6327: 3000 pcs/ reel
YGs
Yes
Non dry
3
1
2
1 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - BSS314PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS314PE INFINEON-BSS314PE Datasheet
247Kb / 9P
OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
logo
TY Semiconductor Co., L...
BSS314PE TYSEMI-BSS314PE Datasheet
535Kb / 3P
OptiMOS-P 3 Small-Signal-Transistor
More results

Similar Description - BSS314PE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
OptiMOS -P Small-Signal-Transistor
2001-12-05
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
OptiMOS -P Small-Signal-Transistor
2002-07-04
BSD314SPE INFINEON-BSD314SPE Datasheet
258Kb / 9P
OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
BSL314PE INFINEON-BSL314PE Datasheet
243Kb / 9P
OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
BSS314PE INFINEON-BSS314PE Datasheet
247Kb / 9P
OptiMOS??P 3 Small-Signal-Transistor
Rev 2.1 2010-03-29
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
OptiMOS-P Small-Signal-Transistor
2007-02-08
BSL314PE INFINEON-BSL314PE_13 Datasheet
370Kb / 9P
OptiMOS??P 3 Small-Signal-Transistor
Rev 2.3 2013-11-07
logo
TY Semiconductor Co., L...
BSS314PE TYSEMI-BSS314PE Datasheet
535Kb / 3P
OptiMOS-P 3 Small-Signal-Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com