Electronic Components Datasheet Search
  English  ▼

X  

BSS314PE Datasheet(PDF) 2 Page - ZP Semiconductor

Part # BSS314PE
Description  OptiMOS??P 3 Small-Signal-Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

BSS314PE Datasheet(HTML) 2 Page - ZP Semiconductor

  BSS314PE Datasheet HTML 1Page - ZP Semiconductor BSS314PE Datasheet HTML 2Page - ZP Semiconductor BSS314PE Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - ambient
R thJA
minimal footprint
1)
-
-
250
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS= 0V, I D=-250µA
-30
-
-
V
Gate threshold voltage
V GS(th)
V DS=VGS, I D=-6.3µA
-1
-1.5
-2
Drain-source leakage current
I DSS
V DS=-30V, V GS=0 V,
T j=25 °C
-
-
-1
mA
V DS=-30V, V GS=0V,
T j=150 °C
-
-
-100
Gate-source leakage current
I GSS
V GS=-20V, V DS=0V
-
-
-5
μA
Drain-source on-state resistance
R DS(on)
V GS=-4.5V,
I D=-1.2A
-
153
230
m
W
V GS=-10V, I D=-1.5A
-
107
140
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-1.2 A
3
-
S
Values
1) Performed on 40mm2 FR4 PCB. The traces are 1mm wide, 70μm thick and 20mm long; they are present on both
sides of the PCB.
BSS314PE
2 of 3
sales@zpsemi.com
www.zpsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com