Electronic Components Datasheet Search
  English  ▼

X  

BSS314PE Datasheet(PDF) 3 Page - ZP Semiconductor

Part # BSS314PE
Description  OptiMOS??P 3 Small-Signal-Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

BSS314PE Datasheet(HTML) 3 Page - ZP Semiconductor

  BSS314PE Datasheet HTML 1Page - ZP Semiconductor BSS314PE Datasheet HTML 2Page - ZP Semiconductor BSS314PE Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
221
294
pF
Output capacitance
C oss
-
126
168
Reverse transfer capacitance
Crss
-
7
11
Turn-on delay time
t d(on)
-
5.1
-
ns
Rise time
t r
-
3.9
-
Turn-off delay time
t d(off)
-
12.4
-
Fall time
t f
-
2.8
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
-0.7
-
nC
Gate to drain charge
Q gd
-
-0.3
-
Gate charge total
Q g
-
-2.9
-
Gate plateau voltage
V plateau
-
-3.2
-
V
Reverse Diode
Diode continous forward current
I S
-
-
-0.5
A
Diode pulse current
I S,pulse
-
-
-6.1
Diode forward voltage
V SD
V GS=0 V, I F=-1.5A,
T j=25 °C
-
0.8
1.1
V
Reverse recovery time
t rr
-
12.5
-
ns
Reverse recovery charge
Q rr
-
4.3
-
nC
V R=-15 V, I F=-1.5A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=-15 V,
f =1 MHz
V DD=-15V,
V GS=-10 V,
I D=-1.5 A, R G=6 W
V DD=-15V,
I D=-1.5A,
V GS=0 to -10 V
BSS314PE
3 of 3
sales@zpsemi.com
www.zpsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com