Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and Synchronous Ethernet
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33741 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 82P33741 Datasheet HTML 17Page - Integrated Device Technology 82P33741 Datasheet HTML 18Page - Integrated Device Technology 82P33741 Datasheet HTML 19Page - Integrated Device Technology 82P33741 Datasheet HTML 20Page - Integrated Device Technology 82P33741 Datasheet HTML 21Page - Integrated Device Technology 82P33741 Datasheet HTML 22Page - Integrated Device Technology 82P33741 Datasheet HTML 23Page - Integrated Device Technology 82P33741 Datasheet HTML 24Page - Integrated Device Technology 82P33741 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
©2016 Integrated Device Technology, Inc.
Revision 6, July 21, 2016
82P33741 Datasheet
Figure 8. Hysteresis Frequency Monitoring
3.1.3.3
Input Clock Selection
For DPLL1, DPLL2 and DPLL3, the DPLL1/2/3_INPUT_SEL[3:0] bits
(register DPLL1/2/3_input_sel_cnfg) determine the input clock selection,
as shown in Table 8:
3.1.3.3.1 Forced Selection
In Forced selection, the selected input clock is set by the DPLL1_IN-
PUT_SEL[3:0], DPLL2_INPUT_SEL[3:0], and DPLL3_INPUT_SEL[4:0]
bits. The results of input clocks quality monitoring do not affect the input
clock selection if Forced selection is used.
accepted
rejected (alarmed)
accepted
Accepting threshold
Rejecting threshold
Table 8: Input Clock Selection for DPLL1, DPLL2 and DPLL3
DPLL1/2/3 _INPUT_SEL[3:0]
Input Clock Selection
0000
Automatic selection
0001 ~ 1110
Forced selection (IN1 ~ IN14)
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com