Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and Synchronous Ethernet
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33741 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button 82P33741 Datasheet HTML 35Page - Integrated Device Technology 82P33741 Datasheet HTML 36Page - Integrated Device Technology 82P33741 Datasheet HTML 37Page - Integrated Device Technology 82P33741 Datasheet HTML 38Page - Integrated Device Technology 82P33741 Datasheet HTML 39Page - Integrated Device Technology 82P33741 Datasheet HTML 40Page - Integrated Device Technology 82P33741 Datasheet HTML 41Page - Integrated Device Technology 82P33741 Datasheet HTML 42Page - Integrated Device Technology 82P33741 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
©2016 Integrated Device Technology, Inc.
Revision 6, July 21, 2016
82P33741 Datasheet
8.3.2
LVPECL / LVDS INPUT / OUTPUT PORT
8.3.2.1
PECL Input Port
Figure 16. Recommended PECL Input Port Line Termination
IN_POS
IN_NEG
1 PPS
to
650 MHz
50
(transmission line)
VDD (+ 3.3 V)
130
82
GND
VDD (+ 3.3 V)
130
82
GND
50
(transmission line)
Table 25: LVPECL Input Port Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
Test Condition
VIL
Input Low Voltage, Differential Inputs
VDD - 2.5
VDD - 1.5
VDD - 0.5
V
VIH
Input High Voltage, Differential Inputs
VDD - 2.4
VDD - 1.4
VDD - 0.4
V
VID
Input Differential Voltage
0.1
0.7
1.4
V
VIL_S
Input Low Voltage, Single-ended Input
VSS
VDD - 1.95
VDD - 1.5
V
VIH_S
Input High Voltage, Single-ended Input
VDD - 1.3
VDD - 0.9
VDD
V
IIH
Input High Current, Input Differential Voltage VID = 1.4 V
10
A
IIL
Input Low Current, Input Differential Voltage VID = 1.4 V
-10
A
Note:
1. Assuming a differential input voltage of at least 100 mV.
2. Unused differential input terminated to VDD-1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com