Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and Synchronous Ethernet
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33741 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 82P33741 Datasheet HTML 9Page - Integrated Device Technology 82P33741 Datasheet HTML 10Page - Integrated Device Technology 82P33741 Datasheet HTML 11Page - Integrated Device Technology 82P33741 Datasheet HTML 12Page - Integrated Device Technology 82P33741 Datasheet HTML 13Page - Integrated Device Technology 82P33741 Datasheet HTML 14Page - Integrated Device Technology 82P33741 Datasheet HTML 15Page - Integrated Device Technology 82P33741 Datasheet HTML 16Page - Integrated Device Technology 82P33741 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
13
©2016 Integrated Device Technology, Inc.
Revision 6, July 21, 2016
82P33741 Datasheet
2.2
RESET OPERATION
The device must be reset properly in order to ensure operations conform with specification.
To properly reset the device, the RSTB pin must be held at a low value for at least 50 usec. The device should be brought out of reset only at the
time when power supplies are stabilized and the system clock is available on OSCi pin. The RSTB can be held low until this time, or pulsed low for at
least 50us after this time.
The bootstrap pins (XO_FREQ[2:0], MPU_MODE[1:0], I2C_AD[2:1], SONET/SDH) need to be held at desired states for at least 2ms after de-
assertion of RSTB pin to allow correct sampling. See Figure 3 for detail.
If loading from an EEPROM, the maximum time from RSTB de-assert to have stable clocks is 100ms. Note that if there is a bad EEPROM read
sequence and the EEPROM loading is repeated once or twice (three times halts the device), then this time can be 2 or 3 times longer respectively. If
not loading from EEPROM the maximum time from RSTB de-assert to have stable clocks is 10ms.
An on-board reset circuit or a commercially available voltage supervisory can be used to generate the reset signal. It is also feasible to use a
standalone power-up RC reset circuit. When using a power-up RC reset circuit, careful consideration must be taken into account to fine tune the
circuit properly based on each power supply's specification to ensure the power supply rise time is fast enough with respect to the RC time constant
of the RC circuit.
Figure 3. Reset timing diagram
VDDD
VDDA
OSCI
RSTB
50 s
2ms
Bootstrap
Pins*
* Bootstrap pins are: XO_FREQ[2:0], MPU_MODE[1:0], I2C_AD[2:1], SONET/SDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com