Electronic Components Datasheet Search
  English  ▼

X  

MCP8063 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP8063
Description  3-Phase Brushless Sinusoidal Sensorless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8063 Datasheet(HTML) 5 Page - Microchip Technology

  MCP8063 Datasheet HTML 1Page - Microchip Technology MCP8063 Datasheet HTML 2Page - Microchip Technology MCP8063 Datasheet HTML 3Page - Microchip Technology MCP8063 Datasheet HTML 4Page - Microchip Technology MCP8063 Datasheet HTML 5Page - Microchip Technology MCP8063 Datasheet HTML 6Page - Microchip Technology MCP8063 Datasheet HTML 7Page - Microchip Technology MCP8063 Datasheet HTML 8Page - Microchip Technology MCP8063 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2014 Microchip Technology Inc.
DS20005257B-page 5
MCP8063
FIGURE 1-1:
Allowable Power Dissipation (PD_MAX) as a Function of Ambient Temperature (TA).
Thermal Shutdown
TSD
—
170
—
°C
Thermal Shutdown
Hysteresis
TSD_HYS
—25
—
°C
Input Over Voltage
VOV
—18.5
—
V
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise specified, all limits are established for VDD = 12.0V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature
TOPR
-40
—
+125
°C
Storage Temperature Range
TSTG
-55
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8LD 4x4 DFN
JA
—48
—
°C/W
JC
—7
—
°C/W
Note 1:
Minimum and maximum parameter is not production tested and is specified by design and validation.
Derating applies for ambient temperatures outside the specified operating range (refer to Figure 1-1).
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise specified, all limits are established for VDD = 12.0V,
Temperature = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Minimum and maximum parameter is not production tested and is specified by design and validation.
Reference PCB, according to JEDEC standard EIA/JESD 51-9.
0
0.5
1
1.5
2
2.5
T
A (°C)
DFN-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com