Electronic Components Datasheet Search
  English  ▼

X  

MCP8063 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP8063
Description  3-Phase Brushless Sinusoidal Sensorless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8063 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP8063 Datasheet HTML 4Page - Microchip Technology MCP8063 Datasheet HTML 5Page - Microchip Technology MCP8063 Datasheet HTML 6Page - Microchip Technology MCP8063 Datasheet HTML 7Page - Microchip Technology MCP8063 Datasheet HTML 8Page - Microchip Technology MCP8063 Datasheet HTML 9Page - Microchip Technology MCP8063 Datasheet HTML 10Page - Microchip Technology MCP8063 Datasheet HTML 11Page - Microchip Technology MCP8063 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP8063
DS20005257B-page 8
 2014 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
MCP8063 PIN FUNCTION TABLE
MCP8063
Symbol
Type
Description
4x4 DFN
1
FG
O
Motor Speed Indication Output Pin
2VBIAS
P
Internal Regulator Output Pin (for decoupling only)
3
OUT1
O
Single-Phase Coil Output Pin
4
OUT2
O
Single-Phase Coil Output Pin
5
GND
P
Negative Voltage Supply Pin (Ground)
6
OUT3
O
Single-Phase Coil Output Pin
7VDD
P
Positive Voltage Supply for Motor Driver Pin
8
PWM
I
PWM Input Signal for Speed Control Pin
9
EP
P
Exposed pad is used for thermal dissipation. Connect to GND.
Legend:
I = Input; O = Output; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com