Electronic Components Datasheet Search
  English  ▼

X  

MCP8063 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP8063
Description  3-Phase Brushless Sinusoidal Sensorless Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8063 Datasheet(HTML) 1 Page - Microchip Technology

  MCP8063 Datasheet HTML 1Page - Microchip Technology MCP8063 Datasheet HTML 2Page - Microchip Technology MCP8063 Datasheet HTML 3Page - Microchip Technology MCP8063 Datasheet HTML 4Page - Microchip Technology MCP8063 Datasheet HTML 5Page - Microchip Technology MCP8063 Datasheet HTML 6Page - Microchip Technology MCP8063 Datasheet HTML 7Page - Microchip Technology MCP8063 Datasheet HTML 8Page - Microchip Technology MCP8063 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2014 Microchip Technology Inc.
DS20005257B-page 1
Features
• Automotive AEC-Q100 Qualified, PPAP available
upon request
• Position Sensorless BLDC Drivers (no Hall
Sensor required)
• 180° Sinusoidal Drive for High Efficiency and Low
Acoustic Noise
• Supports 2V to 14V Power Supplies
• Speed Control through Power Supply Modulation
(PSM) and/or Pulse-Width Modulation (PWM)
• Built-In Frequency Generator (FG output signal)
• Built-In Lock-Up Protection and Automatic
Recovery Circuit (external capacitor not
necessary)
• Built-In Overcurrent Limitation (1.5A)
• Built-In Overvoltage Protection
• Built-In Thermal Shutdown Protection
• Thermally Enhanced 8-Lead 4 mm x 4 mm DFN
Package with Exposed Pad
• 23 kHz PWM Output Frequency
• No External Tuning Required
• Optimized for Fan Cooling Systems
Typical Applications
• Silent Notebook CPU/GPU Cooling Fans
• Air Ventilation System
• 12V 3-Phase BLDC Motors
Description
The MCP8063 device is a highly integrated 3-phase,
full-wave sensorless driver for brushless motors. It
features a 180° sinusoidal drive, high torque output,
and silent drive. Its integrated features and the wide
power supply range (2V to 14V) make the MCP8063 an
ideal candidate for a broad range of motor
characteristics, requiring no external tuning. Speed
control can be achieved through either power supply
modulation (PSM) or pulse-width modulation (PWM).
Due to the compact packaging and minimum bill of
materials (power transistors integrated, no Hall sensor,
no external tuning), the MCP8063 is optimized for fan
applications that require high efficiency and low
acoustic noise at competitive costs. Frequency
generator output enables precision speed control in
closed-loop
applications.
The
MCP8063
driver
includes a Lock-Up Protection mode, which turns off
the output current when the motor is under lock
condition, and an automatic recovery that enables the
fan to restart when the lock condition is removed.
Features such as motor overcurrent limitation and
thermal shutdown protection improve motor system
reliability without additional efforts from design
engineers.
The
MCP8063
is
available
in
a
compact
thermally-enhanced
8-lead
4 mm x 4 mm
DFN
package with exposed pad.
Package Types
MCP8063
4x4 DFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
Top View
OUT1
VBIAS
OUT2
VDD
OUT3
1
2
3
4
8
7
6
5 GND
PWM
FG
EP
9
3-Phase Brushless Sinusoidal Sensorless Motor Driver
MCP8063


Similar Part No. - MCP8063

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP8021 MICROCHIP-MCP8021 Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021-3315H/KEXVAO MICROCHIP-MCP8021-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/9PXVAO MICROCHIP-MCP8021T-3315H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/KEXVAO MICROCHIP-MCP8021T-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-5015H/9PXVAO MICROCHIP-MCP8021T-5015H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
More results

Similar Description - MCP8063

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
logo
Texas Instruments
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
logo
Microchip Technology
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com