Electronic Components Datasheet Search
  English  ▼

X  

HV5812 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV5812
Description  20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5812 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV5812 Datasheet HTML 2Page - Microchip Technology HV5812 Datasheet HTML 3Page - Microchip Technology HV5812 Datasheet HTML 4Page - Microchip Technology HV5812 Datasheet HTML 5Page - Microchip Technology HV5812 Datasheet HTML 6Page - Microchip Technology HV5812 Datasheet HTML 7Page - Microchip Technology HV5812 Datasheet HTML 8Page - Microchip Technology HV5812 Datasheet HTML 9Page - Microchip Technology HV5812 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HV5812
DS20005629A-page 6
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The details on the pins of HV5812 28-lead PDIP,
28-lead PLCC and 28-lead SOW are listed on
Table 2-1. Refer to Package Types for the location of
pins.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VPP
High-voltage power rail
2
Data Out
Serial data output. Data output for cascading to the data input of the next device.
3
HVOUT20
High-voltage output
4
HVOUT19
High-voltage output
5
HVOUT18
High-voltage output
6
HVOUT17
High-voltage output
7
HVOUT16
High-voltage output
8
HVOUT15
High-voltage output
9
HVOUT14
High-voltage output
10
HVOUT13
High-voltage output
11
HVOUT12
High-voltage output
12
HVOUT11
High-voltage output
13
BLANKING
Blank
14
GND
Logic and high-voltage ground
15
CLOCK
Data shift register clock
16
STROBE
Strobe
17
HVOUT10
High-voltage output
18
HVOUT9
High-voltage output
19
HVOUT8
High-voltage output
20
HVOUT7
High-voltage output
21
HVOUT6
High-voltage output
22
HVOUT5
High-voltage output
23
HVOUT4
High-voltage output
24
HVOUT3
High-voltage output
25
HVOUT2
High-voltage output
26
HVOUT1
High-voltage output
27
Data In
Serial data input
28
VDD
Low-voltage logic power rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com