Electronic Components Datasheet Search
  English  ▼

X  

HV5812 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV5812
Description  20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5812 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV5812 Datasheet HTML 3Page - Microchip Technology HV5812 Datasheet HTML 4Page - Microchip Technology HV5812 Datasheet HTML 5Page - Microchip Technology HV5812 Datasheet HTML 6Page - Microchip Technology HV5812 Datasheet HTML 7Page - Microchip Technology HV5812 Datasheet HTML 8Page - Microchip Technology HV5812 Datasheet HTML 9Page - Microchip Technology HV5812 Datasheet HTML 10Page - Microchip Technology HV5812 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005629A-page 7
HV5812
3.0
FUNCTIONAL DESCRIPTION
Follow the steps below to power up and power down
the HV5812:
POWER-UP AND POWER-DOWN SEQUENCE
Power-up
Power-down
Step
Description
Step
Description
1
Connect ground.
1
Remove VPP.
2
Apply VDD.
2
Remove all inputs.
3
Set all inputs (Data, CLK, etc.) to a known state
3
Remove VDD.
4
Apply VPP. (Note 1)
4
Disconnect ground.
Note 1: The VPP should not drop below VDD during operation.
FUNCTION TABLE (Note 1)
Serial
Data
Input
Clock
Input
Shift Register Contents
Serial
Data
Output
Strobe
Input
Latch Contents
Blanking
Output Contents
I1
I2
I3... IN-1
IN
I1
I2
I3... IN-1
IN
I1 I2
I3... IN-1
IN
H
L to H
H
R1
R2...RN–2
RN–1
RN–1
—
—
—
—
—
—
—
—
—
—
L
L to H
L
R1
R2...RN–2
RN–1
RN–1
—
—
—
—
—
—
—
—
—
—
X
H to L R1 R2
R3...RN–1
RN
RN
—
—
—
—
—
—
—
—
—
—
—
—
X
X
X...X
X
X
L
R1 R2
R3...RN–1
RN
—
—
—
—
—
—
—
P1 P2
P3...PN–1
PN
PN
H
P1 P2
P3...PN–1
PN
L
P1 P2
P3...PN–1
PN
—
—
—
—
—
—
—
—
X
X
X...X
X
H
L
L
L...L
L
Note 1:
L = Low logic level
H = High logic level
X = Irrelevant
P = Present state
R = Previous state
,
VDD
INPUT
GND
VPP
L/T
GND
HV
OUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
FIGURE 3-1:
IO Circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com