Electronic Components Datasheet Search
  English  ▼

X  

DM130120 Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM130120
Description  15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130120 Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM130120 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DM130120
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Preliminary
Doc No: DM130120-11-MCO-DS-P01
July 11, 2016
13
6.4 Control Signal Waveform
6.4.1 Format of One Byte (2-Wires Serial Interface)
This byte could be $00H ~ $10H, see 6.3 EPD driver control register.
SDA
SCL
Start Bit
Device ID code
ACK
Register address
ACK
Data
ACK
Stop Bit
Ack
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
SDA
SCL
start bit
Ack
Device ID Code
Ack
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
SDA
SCL
Ack
Register Addres
Ack
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
SDA
SCL
Ack
Data
stop bit
Host device
input mode
Host device
input mode
Host device
input mode
Note: Timing diagram above is when SCL=500KHz
Device ID code:
ID code is defined by (A0&A1) pins. See multi-driver application in P10. Control signal input 8-bits
“111100A1,A0” (A1,A0)=00,01,10,11 then only matched driver will operate.
Register address:
Address of control register from $00H ~ $10H. The control signal here follow Device ID code
Data of register:
Definition of all control register see 6.3 EPD driver control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com