Electronic Components Datasheet Search
  English  ▼

X  

DM130120 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM130120
Description  15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130120 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM130120 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DM130120
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Preliminary
Doc No: DM130120-11-MCO-DS-P01
July 11, 2016
21
7
Operating Ratings
Description
Symbol
Value
Unit
Min
Typ
Max
Working voltage
VDD
2.2
3
5.5
V
Driver High-voltage
capability
Vdrv
30
32
V
Ripple
Vrip
200
mV
High-voltage1
Vpp15
15V
18V
V, (load =15M ohm)
High-voltage2
Vpp30
30V
V, (load =15M ohm)
Stop mode current
Istop
0.1
uA
Pumping enable current Icpen
350
uA
Input high voltage
VIH
0.8*VDD
V
Input low voltage
VIL
0.2*VDD
V
2wir speed (SCL&SDA)
FI2C
1M
Hz
2wir load capacitance
CI2C
15
pF
SPI speed
FSPI
1M
Hz
SPI load capacitance
CSPI
15
pF
Note:
1. Symbol “2wir” represent SCL & SDA pins
2. Symbol “VPP15” apply to Eink 15V film. For the better life time that customer have to tie each 122 channels
to “0V” then turn off charge pumping.
8
Absolute Maximum Ratings
Symbol
Description
Rating
Unit
Vdd
Supply Voltage
-0.5 ~ +3.6
V
Vin
Input Voltage
-0.5 ~ VDD +0.5
V
Vout
Output Voltage
-0.5 ~ VDD +0.5
V
Topr
Operation Temperature
0 ~ 70
℃
Tstg
Storage Temperature
-40 ~ 125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com