Electronic Components Datasheet Search
  English  ▼

X  

DM130120 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM130120
Description  15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130120 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM130120 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DM130120
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Preliminary
Doc No: DM130120-11-MCO-DS-P01
July 11, 2016
2
Content
1
General Description........................................................................................................................... 3
2
Features ............................................................................................................................................. 4
3
Block Diagram ................................................................................................................................... 5
4
PAD Diagram ..................................................................................................................................... 6
5
Pin Description .................................................................................................................................. 7
5.1 TFBGA-145L Pin Assignment......................................................................................................... 7
5.2 LQFP-176L Pin Assignment ........................................................................................................... 8
6
Function Description......................................................................................................................... 9
6.1
Generate Hi-V Driving Bias Supply...................................................................................... 9
6.1.1 Internal Charge Pump Supply ............................................................................................. 9
6.1.2 External Driving Bias Supply............................................................................................... 9
6.2
Multi-drivers Application .....................................................................................................10
6.3
EPD Driver Control Register ..............................................................................................11
6.4
Control Signal Waveform ...................................................................................................13
6.4.1 Format of One Byte (2-Wires Serial Interface)....................................................................13
6.4.2 SPI control waveform.........................................................................................................15
6.4.3 Com & Segment vs. Control Signal....................................................................................17
7
Operating Ratings ............................................................................................................................21
8
Absolute Maximum Ratings .............................................................................................................21
9
Package Information ........................................................................................................................22
9.1
Package Detail Information ................................................................................................22
10
Ordering Information........................................................................................................................26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com