Electronic Components Datasheet Search
  English  ▼

X  

MD2134 Datasheet(PDF) 7 Page - Supertex, Inc

Part # MD2134
Description  High Speed Ultrasound Beamforming Source Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2134 Datasheet(HTML) 7 Page - Supertex, Inc

  MD2134 Datasheet HTML 1Page - Supertex, Inc MD2134 Datasheet HTML 2Page - Supertex, Inc MD2134 Datasheet HTML 3Page - Supertex, Inc MD2134 Datasheet HTML 4Page - Supertex, Inc MD2134 Datasheet HTML 5Page - Supertex, Inc MD2134 Datasheet HTML 6Page - Supertex, Inc MD2134 Datasheet HTML 7Page - Supertex, Inc MD2134 Datasheet HTML 8Page - Supertex, Inc MD2134 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
MD2134
Supertex inc.
www.supertex.com
Doc.# DSFP-MD2134
C102412
Serial Port Interface (SPI) Read Write Timing for Control Register
Tx Output Timing Diagram
PA and PB Output Current Equations
LV0
LV1
LV2
LV3
LV4
LV5
LV6
t
r
t
f
t
df
t
dr
90%
10%
90%
10%
90%
10%
90%
10%
t
r
t
f
t
df
t
dr
I(LV5)
I(LV1)
I(LV2)
I(LV3)
I(LV4)
I(LV15)
I(LV9)
I(LV8)
I(LV12)
I(LV13)
I = 0
I = 0
if LV6 = 0
I = 0
I = 0
PA
Current
PA
Current
M3 = 1,
M[2:0]
M3 = 0,
M[2:0]
LV0
LV9
LV8 LV12
LV13 LV15
LV0
1
16
15
3
2
t6
t4
t3
t2
t1
t9
t7
t5
t8
t10
SCK
SDI
CS
SDO
LD
The in-phase PA and 180O PB output sinking current mag-
nitudes I
A and IB can be calculated by the following equa-
tions.
I
A =
48 • V
REF • DAC • (2
6
- 1) •
LAx
127
9 • R
FB
I
B =
48 • V
REF • DAC • (2
6
- 1) •
LBx
127
9 • R
FB
Where the V
REF is the voltage reference, DAC is the deci-
mal value of the data in the DAC register, R
FB is the setting
resistor value in ohms, LAx or LBx is the decimal value of
the data in the level register.
The values of the results from the equations represent the
magnitude of the output current. The current flow into the
port PA or PB is controlled by M0, M1, M2 or M3 are turned
on. Note that the maximum full scale peak current at PA or
PB port only can be obtained at DAC = 255, V
REF = 2.5V,
R
FB = 71.1kΩ, LAx[6:0] = 127 for PA or LBx[6:0] = 127 for
PB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com