Electronic Components Datasheet Search
  English  ▼

X  

MD2134 Datasheet(PDF) 4 Page - Supertex, Inc

Part # MD2134
Description  High Speed Ultrasound Beamforming Source Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2134 Datasheet(HTML) 4 Page - Supertex, Inc

  MD2134 Datasheet HTML 1Page - Supertex, Inc MD2134 Datasheet HTML 2Page - Supertex, Inc MD2134 Datasheet HTML 3Page - Supertex, Inc MD2134 Datasheet HTML 4Page - Supertex, Inc MD2134 Datasheet HTML 5Page - Supertex, Inc MD2134 Datasheet HTML 6Page - Supertex, Inc MD2134 Datasheet HTML 7Page - Supertex, Inc MD2134 Datasheet HTML 8Page - Supertex, Inc MD2134 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MD2134
Supertex inc.
www.supertex.com
Doc.# DSFP-MD2134
C102412
DAC Input and Output Description
MSB
DAC Value Register
LSB
PA or PB Output Current
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
(0/255)I
MAX-A/B + IOO-A/B
0
0
0
0
0
0
0
1
(1/255)I
MAX-A/B + IOO-A/B
0
1
1
1
1
1
1
1
(127/255)I
MAX-A/B + IOO-A/B
1
0
0
0
0
0
0
0
(128/255)I
MAX-A/B + IOO-A/B
1
1
1
1
1
1
1
0
(254/255)I
MAX-A/B + IOO-A/B
1
1
1
1
1
1
1
1
(255/255)I
MAX-A/B + IOO-A/B
AC Electrical Characteristics
Output Current Level Control Data Register LAx or LBx
MSB
Current Level Data Register LAx or LBx
LSB
Ratio of full scale
Output Polarity Control
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
1
1
1
127/127
M3 = 0 output to PA
M3 = 1 output to PB
1
1
1
1
1
1
0
126/127
...
...
0
0
0
0
0
0
1
1/127
0
0
0
0
0
0
0
0
Sym
Parameter
Min
Typ
Max
Units Conditions
f
SCK
Serial clock maximum frequency
40
50
-
MHz ---
t
CSR
Clock input slew rate
1.0
-
-
V/ns
---
t
DSR
Control / data input slew rate
1.0
-
-
V/ns
---
THD
Total harmonic distortion
-
-45
-40
dB
---
t
EN-Off
EN fall to PA/PB turn-off time
-
5.0
8.0
ns
50% to 90%
t
EN-On
EN rise to PA/PB turn-on time
-
13.5
20.0
µs
50% to 10%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com