Electronic Components Datasheet Search
  English  ▼

X  

MD2134 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD2134
Description  High Speed Ultrasound Beamforming Source Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2134 Datasheet(HTML) 1 Page - Supertex, Inc

  MD2134 Datasheet HTML 1Page - Supertex, Inc MD2134 Datasheet HTML 2Page - Supertex, Inc MD2134 Datasheet HTML 3Page - Supertex, Inc MD2134 Datasheet HTML 4Page - Supertex, Inc MD2134 Datasheet HTML 5Page - Supertex, Inc MD2134 Datasheet HTML 6Page - Supertex, Inc MD2134 Datasheet HTML 7Page - Supertex, Inc MD2134 Datasheet HTML 8Page - Supertex, Inc MD2134 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
MD2134
Doc.# DSFP-MD2134
C102412
DAC
A
B
DGND
AGND
C3A
KA
C1A
C3B C2B
C1B
VREF
+V
REF
M0
M1
M2
M3
EN
SDI
SDO
SCK
CS
LD
VLL
SUB
Data
Latch
&
Control
Logic
Beamform
Switch
Matrix
VDD
+5.0V
+2.5V
PA
XDRC
PB
T1
+3.3V
+3.3V
+70 to 100V
V
PP
GND
KB
C2A
RFB
D2
D1
+5.0V
M1
M2
DN2625
+5.0V
Level
Translator
PAM
Level
Select
DN2625
Block Diagram
High Speed Ultrasound Beamforming Source Driver
Features
► Multiple-level ultrasound pulser
► Fast switching current source for push-pull topology
► 250MHz maximum frequency, 4.0ns input to output
delay
► 15 independent programmable output level registers
► Pulse amplitude modulation (PAM) with 8-bit resolution
► 8-bit apodization DAC for peak output current via SPI
► Very low second order harmonic distortion
► Picoseconds time-jitter from input to output
► Fast SPI write and read-back of level & DAC registers
► +5.0V power supply, 2.5V CMOS logic interface
► Drives DN2625 MOSFETs output up to 230V
P-P
► Programmable aperture windowing
Applications
► Medical imaging ultrasound beamforming transmitter
► Dynamic focusing B-scan CW PW Doppler & FM chirp
► Ultrasonic phase array focusing transmitter
► Piezoelectric & MEMS transducer waveform drivers
► High speed arbitrary waveform generator
► High resolution NDT phase array ultrasound pulser
General Description
The MD2134 is a high-speed source driver for use in a pulsed
current waveform generator. This programmable, fast, arbitrary
current level driver is designed for medical ultrasound imaging
beamforming applications. It also can be used in HIFU, NDT
ultrasound and other instrument applications.
The MD2134 consists of CMOS digital logic input circuits, an
eight-bit current DAC for aperture weighting amplitude control,
and a programmable 15-level pulse amplitude modulation (PAM)
current-source that does not include a zero level. The fast current
sources are constructed with current-switch array, controlled by
the LV0~LV15 level-register as the waveform data points. Four
logic inputs M[3:0] are used for transmit data level selecting, as
well as the transmitting timing control pins. Each level can be
programmed to a resolution of +/-127 including zero (8-bit) in
addition to an 8-bit SPI apodization DAC. The outputs PA and PB
are controlled by M[3:0] pins directly, as well as the polarity-flip bit
S1 in the SPI register. The high-speed SPI interface will achieve
per-scan-line fast data updating for dynamically changing delay
time, weighting and waveforms.
The MD2134 outputs are designed to drive two very low-threshold,
high-voltage depletion N-MOSFETs, such as Supertex’s DN2625s,
as source drivers. The two DN2625 drains are connected to a
center-tap RF pulse transformer. The transformer’s secondary
output connects to a cable and piezoelectric or capacitive
transducer as a load with a good impedance match.


Similar Part No. - MD2134

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
High Speed Ultrasound Beamforming Source Driver
MD2131K7-G SUTEX-MD2131K7-G Datasheet
774Kb / 8P
High Speed Ultrasound Beamforming Source Driver
More results

Similar Description - MD2134

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Sirectifier Semiconduct...
HV7370 SIRECTIFIER-HV7370 Datasheet
840Kb / 7P
Quad, High Speed, 짹100V 850mA, Ultrasound Damper
logo
Supertex, Inc
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
High Speed Ultrasound Beamforming Source Driver
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
Two Channel, Five Level, High Speed Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com