Electronic Components Datasheet Search
  English  ▼

X  

MD2131 Datasheet(PDF) 1 Page - Supertex, Inc

Part # MD2131
Description  High Speed Ultrasound Beamforming Source Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2131 Datasheet(HTML) 1 Page - Supertex, Inc

  MD2131 Datasheet HTML 1Page - Supertex, Inc MD2131 Datasheet HTML 2Page - Supertex, Inc MD2131 Datasheet HTML 3Page - Supertex, Inc MD2131 Datasheet HTML 4Page - Supertex, Inc MD2131 Datasheet HTML 5Page - Supertex, Inc MD2131 Datasheet HTML 6Page - Supertex, Inc MD2131 Datasheet HTML 7Page - Supertex, Inc MD2131 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
MD2131
Doc.# DSFP-MD2131
C102412
Features
► High resolution transmitting waveform
► Up to 3.0A push-pull source-driving current
► 230V
P-P maximum output, uses two DN2625 FETs
► Angle vector beamforming I-Q switcher matrix
► 8-bit apodization DAC and 7.5° angular resolution
► Flexible frequency-resolution trade-off
► Programmable aperture windowing
► 250MHz maximum sampling rate
► 25MHz ultrasound maximum frequency
► PWM modulation push-pull current source
► Focusing phase adjustment & chirp waveform
► Fast SPI interface
► 2.5V CMOS logic interface
► +5.0V single power supply
► Low second order harmonic distortions
Applications
► Medical ultrasound imaging transmit beamforming
► High resolution NDT and Sonar phase arrays
► HIFU transducer phase arrays beamforming and
focus scanning
► Piezoelectric & MEMS transducer waveform drivers
► High speed, high voltage, arbitrary waveform
generator
General Description
The MD2131 is a high-speed, arbitrary waveform, push-pull
source driver. It is designed for medical ultrasound imaging and
HIFU beamforming applications. It also can be used in NDT,
Sonar and other ultrasound phase-array focusing beamforming
applications.
The MD2131 consists of CMOS digital logic input circuits, an
8-bit current DAC for waveform amplitude control, and four PWM
current-sources. These current sources are constructed with the
high-speed, in-phase and quadrature current-switch matrix and
the built-in sine and cosine angle-to-vector look-up table. The
angular resolution of the vector table is 7.5O per step, with a total
range of 48 steps. There are four logic input signals to control the
in-phase and quadrature PWM push-pull current-source’s output
timing, frequency, cycle in the burst and waveform envelope.
The MD2131’s output stage is designed to drive two DN2625
depletion N-type MOSFETs. The MOSFET drains are connected
to a center-tap ultrasound frequency pulse transformer. The
secondary winding of the transformer can connect to the
ultrasound piezo or capacitive transducer via a cable with a
good impendence match. The MD2131 has a high-speed, SPI-
compatible interface to achieve per-scan-line fast updating of the
data register for changing the beamforming phase angles and
apodization amplitudes.
MD2131 Block Diagram
High Speed Ultrasound Beamforming Source Driver
+5.0V
I
Q
A
DGND
AGND
C3A
KA
C1A
C3B
C2B
C1B
VREF
+VREF
IA
QA
IB
QB
EN
SDI
SDO
SCK
CS
LD
VLL
SUB
VDD
+5.0V
+2.5V
PA
XDRC
DN2625
PB
T1
+3.3V
+70-100V
V
PP
GND
KB
C2A
RFB
Data
Latch
&
Control
Logic
Level
Translator
DAC
Vector
Beamforming
Switch
Matrix
D1
D2
DN2625
+3.3V
+5.0V
SIN/COS
Table
&
Level
Translator


Similar Part No. - MD2131

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
High Speed Ultrasound Beamforming Source Driver
MD2134K7-G SUTEX-MD2134K7-G Datasheet
760Kb / 9P
High Speed Ultrasound Beamforming Source Driver
More results

Similar Description - MD2131

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Sirectifier Semiconduct...
HV7370 SIRECTIFIER-HV7370 Datasheet
840Kb / 7P
Quad, High Speed, 짹100V 850mA, Ultrasound Damper
logo
Supertex, Inc
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
High Speed Ultrasound Beamforming Source Driver
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
Two Channel, Five Level, High Speed Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com