Electronic Components Datasheet Search
  English  ▼

X  

MD2131 Datasheet(PDF) 4 Page - Supertex, Inc

Part # MD2131
Description  High Speed Ultrasound Beamforming Source Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2131 Datasheet(HTML) 4 Page - Supertex, Inc

  MD2131 Datasheet HTML 1Page - Supertex, Inc MD2131 Datasheet HTML 2Page - Supertex, Inc MD2131 Datasheet HTML 3Page - Supertex, Inc MD2131 Datasheet HTML 4Page - Supertex, Inc MD2131 Datasheet HTML 5Page - Supertex, Inc MD2131 Datasheet HTML 6Page - Supertex, Inc MD2131 Datasheet HTML 7Page - Supertex, Inc MD2131 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MD2131
Supertex inc.
www.supertex.com
Doc.# DSFP-MD2131
C102412
Serial Register Description
Command
MSB
DAC Value Register
LSB
Vector Angle Register
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
A1
A0
Command Description
Command
Description
C1
C0
0
0
Write to input register
0
1
Read register
1
0
Power down triggered at C[1:0] = 10 and cs rise edge, other state power-up
1
1
No operation
DAC Input and Output Description
MSB
DAC Value Register
LSB
PA/PB Output Current
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
(0/255)I
MAX-A/B + IOO-A/B
0
0
0
0
0
0
0
1
(1/255)I
MAX-A/B + IOO-A/B
0
1
1
1
1
1
1
1
(127/255)I
MAX-A/B + IOO-A/B
1
0
0
0
0
0
0
0
(128/255)I
MAX-A/B + IOO-A/B
1
1
1
1
1
1
1
0
(254/255)I
MAX-A/B + IOO-A/B
1
1
1
1
1
1
1
1
(255/255)I
MAX-A/B + IOO-A/B
Angle Register and I/Q Vector Description
MSB
Angle Register
LSB
Angle
I-Vector (6-bit)
Q-Vector (6-bit)
A5
A4
A3
A2
A1
A0
Degree
COS
SIN
0
0
0
0
0
0
0
111111
000000
0
0
0
0
0
1
7.5
111110
001000
0
0
0
1
1
0
451
101101
101101
0
0
1
1
0
0
90
000000
111111
0
1
0
0
1
0
135
-101101
101101
0
1
1
0
0
0
180
-111111
000000
0
1
1
1
1
0
225
-101101
-101101
1
0
0
1
0
0
270
-000000
-111111
1
0
1
0
1
0
315
101101
-101101
1
0
1
1
1
1
352.5
111110
-001000
1
1
0
0
0
0
360 = 02
111111
000000
Notes:
1.
Maximum current magnitude of output PA or PB is at 45° angle, when IA = QA = Hi or IB = QB = Hi.
2.
Angle>110000B (48) are reserved states.
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com