Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1W5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1W5
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ESDALC6V1W5
®
June 2002 - Ed: 4A
QUAD TRANSIL™ ARRAY
FOR ESD PROTECTION
SOT323-5L
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
s
Computers
s
Printers
s
Communication systems and cellular phones
s
Video equipment
s
Set top boxes
MAIN APPLICATIONS
Application Specific Discretes
A.S.D.
I/01
I/02
GND
I/04
I/03
FUNCTIONAL DIAGRAM
s
4 unidirectional TRANSIL™ functions.
s
ESD Protection: IEC61000-4-2 level 4
s
Breakdown voltage VBR = 6.1V min
s
Low leakage current < 1µA @ 3 Volts
s
Low capacitance device
FEATURES
The ESDALC6V1W5 is a 4-bit wide monolithic
suppressor which is designed to protect component
connected to data and transmission lines against
ESD.
It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients.
DESCRIPTION
s
High ESD protection level : up to 25 kV.
s
Capacitance: 12pF @ 0V Typ.
s
High integration.
s
Suitable for high density boards.
BENEFITS
s
IEC61000-4-2 level 4: 15 kV (air discharge)
8 kV (contact discharge)
s
MIL STD 883C-Method 3015-6 : class 3.
(human body model) 25kV (HBM)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Part No. - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
logo
Shanghai Leiditech Elec...
ESDALC6V1W5 LEIDITECH-ESDALC6V1W5 Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
More results

Similar Description - ESDALC6V1W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com