Electronic Components Datasheet Search
  English  ▼

X  

GL603USB-B Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GL603USB-B
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-B Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GL603USB-B Datasheet HTML 16Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 17Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 18Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 19Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 23Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
0: Indicate the corresponding pin on Port 2 cannot be used in input mode. But even firmware
cannot read this pin directly from Port 2 directly, this pin can be selected with PHSEL and
firmware can get its state from PHVAL also.
Value on POR: “0 0 0 0 0 0 0 0”
PSCON (Address 81h, Prescaler control register)
R/W
R/W
R/W
R/W
PSDIS
PS2
PS1
PS0
PSDIS: Prescaler disable bit
1: Set prescaler disable
0: Set prescaler enable
PS[2:0]: Prescaler rate select bits. These bits are used to control timer speed. The following table means
that how many instruction cycles the TIMER register should be added by 1 when PSDIS = 0.
Bit Value
Timer Rate
(PSDIS = 0)
000
1:2
001
1:4
010
1:8
011
1:16
100
1:32
101
1:64
110
1:128
111
1:256
Value on POR: “- - - - 1 1 1 1”
PORT1CON (Address 86h, Port 1 direction control register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P1CON6
P1CON5
P1CON4
P1CON3
P1CON2
P1CON1
P1CON0
There is a data direction control bit to match every pin of Port 1. The direction control bits can configure
these pins as output or input. Setting a PORT1CON register bit put the corresponding output driver in a hi-
impedance mode. Clearing a bit in the PORT1CON register puts the contents of the output latch on the
selected pin.
Except to control PORT1.1 output driver, a special function is applied to P1CON1. Clock generator in
GL603USB can be enabled only when P1CON1 is cleared. When a 6 MHz crystal or resonator is used and
P1CON1 is set, GL603USB cannot running on 12 MHz, even if clock generator is enabled by code option.
Value on POR: “- 1 1 1 1 1 1 1”
PORT2CON (Address 87h, Port 2 direction control register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P2CON7
P2CON6
P2CON5
P2CON4
P2CON3
P2CON2
P2CON1
P2CON0
There is a data direction control bit to match every pin of Port 2. The direction control bits can configure
these pins as output or input. Setting a PORT2CON register bit put the corresponding output driver in a hi-
impedance mode. Clearing a bit in the PORT2CON register puts the contents of the output latch on the
selected pin.
Value on POR: “1 1 1 1 1 1 1 1”
4.4
FULL-RANGE DETECTION AND ANALOG-TO-DIGITAL CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com