Electronic Components Datasheet Search
  English  ▼

X  

GL603USB-B Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # GL603USB-B
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-B Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button GL603USB-B Datasheet HTML 20Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 21Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 22Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 23Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 24Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 25Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 26Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 27Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
Differential
Data Lines
Paired
Transitions
N * TPERIOD + TJR2
TPERIOD
Consecutive
Transitions
N * TPERIOD + TJR1
TJR
TJR1
TJR2
Figure 4-4 Receiver Jitter Tolerance
The source of data can have some variation (jitter) in the timing of edges of the data transmitted. The time
between any set of data transitions is N*TPeriod ± jitter time, where N is the number of bits between the
transitions and TPeriod is defined as the actual period of the data rate. The data jitter is measured with the
same capacitive load used for maximum rise and fall times and is measured at the crossover points of the
data lines.
For low-speed transmissions, the jitter time for any consecutive differential data transitions must be within
±25ns and within ±10ns for any set of paired differential data transitions. These jitter numbers include
timing variations due to differential buffer delay, rise/fall time mismatches, internal clock source jitter,
noise and other random effects.
The output rise time and fall time are measured between 10% and 90% of the signal. Edge transition time
for the rising and falling edges of low-speed signals is 75ns (minimum) into a capacitive load (CL) of 50pF
and 300ns (maximum) into a capacitive load of 350pF. The rising and falling edges should be transitioning
(monotonic) smoothly when driving the cable to avoid excessive EMI.
Low Speed: 75ns at CL = 50pF, 300ns at CL = 350pF
Full Speed: 4 to 20ns at CL = 50pF
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
CL
CL
Figure 4-5 Data Signal Rise and Fall Time
4.8.3
Serial Interface Engine (SIE)
The SIE manages data movement between the CPU and the transceiver. The SIE handles both transmit and
receive operations on the USB. It contains the logic used to manipulate the transceiver and the endpoint
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com