Electronic Components Datasheet Search
  English  ▼

X  

GL603USB-B Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # GL603USB-B
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-B Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button GL603USB-B Datasheet HTML 30Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 31Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 32Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 33Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 34Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 35Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 36Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 37Page - List of Unclassifed Manufacturers GL603USB-B Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
34
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
6
ABSOLUTE MAXIMUM RATINGS
Maximum ratings are the extreme limits to which the micro-controller can be exposed without permanently
damaging it. The micro-controller contains circuitry to protect the inputs against damage from high static
voltages; however, do not apply voltages higher than those shown in the table. Keep VIN and VOUT within
the range GND
≤ (V
IN or VOUT) ≤ VCC. Connect unused inputs to the appropriate voltage level, either GND
or VDD.
Symbol
Characteristic
Value
Unit
TSTG
Storage temperature
-55 to +150
°C
TOP
Operating temperature
0 to +70
°C
VCC
Supply voltage
-0.5 to +7.0
V
VIN
DC input voltage
-0.5 to +VDD + 0.5
V
I
Maximum current per pin excluding VDD and VSS
25
mA
IMGND
Maximum current out of GND
100
mA
IMVCC
Maximum current out of VCC
100
mA
VESD
Static discharge voltage
>4000
V
7
ELECTRICAL CHARACTERISTICS
FOSC = 6MHz; Operating Temperature = 0 to 85°C; VCC = 4.4 to 5.5V
Symbol
Characteristic
Min
Max
Units
Conditions
General
ICC
Operating supply current
20
mA
ISB
Supply current – suspend
mode
360
µA
See note 1
USB Interface
VOH
Static output high
2.8
3.6
V
RL of 15KΩ to GND
VOL
Static output low
0.3
V
RL of 15KΩ to V3.3
VDI
Differential input
sensitivity
0.2
V
|(D+) – (D-)|
VCM
Differential common mode
range
0.8
2.5
V
Include VDI range
VSE
Single ended receiver
threshold
0.8
2.0
V
ILO
Hi-Z state data line leakage
-10
+10
V
0V < VIN < 3.3V
V3.3
Regulator supply voltage
3.0
3.6
V
IL = 4mA
GPIO Interface
RUP
PORT2.2-4 pull-up
resistance
68
120
K
Ω
RDOWN
PORT1.0-7 pull-down
resistance
4
32
K
Ω
Code option
VOH1
Static output high for
PORT1.2-4, PORT2.0-7
2.4
V
VCC = 5V; IOH = 4mA
VOL1
Static output low for
PORT1.2-4, PORT2.0-7
0.4
V
VCC = 5V; IOL = 4mA
VOH2
Static output high for
PORT1.0-1
2.4
V
VCC = 5V; IOH = 20mA
VOL2
Static output low for
PORT1.0-1
0.4
V
VCC = 5V; IOL = 20mA
VIH
Static input high
2.0
V
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com