Electronic Components Datasheet Search
  English  ▼

X  

RTL8208 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
RTL8208
2001/01/07
39
Rev.1.923
11. Mechanical Dimensions
Symbol
Dimension in inch
Dimension in mm
1. Dimension D & E do not include interlead flash.
Min Typical Max
Min Typical Max
2. Dimension b does not include dambar protrusion/intrusion.
A
-
0.134
-
-
3.40
3. Controlling dimension : Millimeter
A1
0.004 0.010 0.036
0.10
0.25
0.91
4. General appearance spec. should be based on final visual
A2
0.102 0.112 0.122
2.60
2.85
3.10
inspection spec.
b
0.005 0.009 0.013
0.12
0.22
0.32
c
0.002 0.006 0.010
0.05
0.15
0.25
D
0.541 0.551 0.561 13.75 14.00 14.25
TITLE : 128 QFP (14x20 mm ) PACKAGE OUTLINE
E
0.778 0.787 0.797 19.75 20.00 20.25
-CU L/F, FOOTPRINT 3.2 mm
e
0.010 0.020 0.030
0.25
0.5
0.75
LEADFRAME MATERIAL :
HD
0.665 0.677 0.689 16.90 17.20 17.50
APPROVE
DOC. NO.
530-ASS-P004
HE
0.902 0.913 0.925 22.90 23.20 23.50
VERSION
1
L
0.027 0.035 0.043
0.68
0.88
1.08
PAGE
OF
L1
0.053 0.063 0.073
1.35
1.60
1.85
CHECK
DWG NO.
Q128 - 1
Y
-
-
0.004
-
-
0.10
DATE
Oct. 08 1998
Θ
0°
-
12°
0°
-
12°
REALTEK SEMI-CONDUCTOR CO., LTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com