Electronic Components Datasheet Search
  English  ▼

X  

RTL8208 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
RTL8208
2001/01/07
18
Rev.1.923
Auto-negotiation is restarted or the RTL8208 is reset.
10Base-T-FD – This bit indicates that the Link Partner can support 10Base-T full duplex mode. This bit is cleared any time
Auto-negotiation is restarted or the RTL8208 is reset.
10Base-T – This bit indicates that the Link Partner can support 10Base-T half duplex mode. This bit is cleared any time
Auto-negotiation is restarted or the RTL8208 is reset.
Selector Field – Bits 4:0 reflect the value of the Link Partner’s selector field. These bits are cleared any time Auto-negotiation is
restarted or the chip is reset, and generally reflect the value of 0001, indicating that the Link Partner is an 802.3 device.
6.7 Register6: Auto-Negotiation Expansion
Reg. bit
Name
Description
Mode
Default
6.[15:5]
Reserved
RO
0
6.4
Parallel Detection
Fault
1=A fault has been detected via the Parallel Detection function.
0=No fault has been detected via the Parallel Detection function.
RO
0
6.3
Link Partner Next
Page Able
1= Link Partner is Next Page able.
0= Link Partner is not Next Page able.
RO
0
6.2
Local Next Page
Able
1= RTL8208 is Next Page able.
0= RTL8208 is not Next Page able. (permanently=0)
RO
0
6.1
Page Received
1= A New Page has been received.
0= A New Page has not been received.
RO/LH
0
6.0
Link Partner Auto-
Negotiation Able
If Auto- Negotiation is enabled, this bit means:
1= Link Partner is Auto-Negotiation able.
0= Link Partner is not Auto-Negotiation able.
In 100FX or Nway disabled, this bit always =1.
RO
0
(Auto-
Negotiation)
or
1 (100FX)
Reserved – Ignore the output of the RTL8208 when these bits are read.
Parallel Detection Fault – Bit 4 is a read-only bit that gets latched high when a parallel detection fault occurs in the
Auto-negotiation state machine. For further details, please consult the IEEE standard. The bit is reset to ‘0’ after the register is
read, or when the chip is reset.
Link Partner Next Page Able – Bit 3 returns a ‘1’ when the Link Partner has Next Page capabilities. It has the same value as bit
15 of the Link Partner Ability Register.
Local Next Page Able – The RTL8208 does not have Next Page capabilities, so it will always return a ‘0’ when bit 2 is read.
Page Received – Bit 1 is latched high when a new link code word is received from the Link Partner, checked and acknowledged.
This bit is cleared when the link is lost or the chip is reset.
Link Partner Auto-Negotiation Able – Bit 0 returns a ‘1’ when the Link Partner is known to have Auto-negotiation capabilities.
Before any Auto-negotiation information is exchanged, or if the Link Partner does not comply with IEEE Auto-negotiation, the
bit returns a value of ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com