Electronic Components Datasheet Search
  English  ▼

X  

RTL8208 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
RTL8208
2001/01/07
7
Rev.1.923
5.3 Miscellaneous Pins
Pin Name
Pin
Type
Description
RESET#
47
I,
(Pu)
Reset: This is an active low input. To complete the reset function, this
pin must be asserted low for at least 10ms.
X1
114
I
25MHz Crystal X1 or 25MHz Oscillator clock input: When X1 is
pulled low, X2 must be floating. REFCLK will then be the chip clock
input.
X2
115
O
25MHz Crystal X2
REFCLK
48
I/O
Reference clock:
If X1 is 25MHz active, REFCLK is a 50MHz output.
If X1 is pulled-low (disabled), REFCLK is the clock input as below:
50MHz 100ppm clock input for RMII mode.
125MHz 100ppm clock input for SMII/SS-SMII mode.
IBREF
118
A
Reference Bias Resistor: This pin must be tied to analog ground through
an external 1.96K
Ω resistor when using a 1:1 transformer on Tx/Rx.
VCTRL
116
O
Voltage control: This pin controls a PNP transistor to generate the
2.5V power supply for VDD and VDDAL pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com