Electronic Components Datasheet Search
  English  ▼

X  

CS8411 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 5Page - Cirrus Logic CS8411 Datasheet HTML 6Page - Cirrus Logic CS8411 Datasheet HTML 7Page - Cirrus Logic CS8411 Datasheet HTML 8Page - Cirrus Logic CS8411 Datasheet HTML 9Page - Cirrus Logic CS8411 Datasheet HTML 10Page - Cirrus Logic CS8411 Datasheet HTML 11Page - Cirrus Logic CS8411 Datasheet HTML 12Page - Cirrus Logic CS8411 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
CS8411 CS8412
DS61F1
9
status registers are visible and all interrupts are dis-
abled. The IER/SR bit must be set to make the IEn-
able registers visible.
Status register 1 (SR1), shown in Figure 6, reports
all the conditions that can generate a low pulse,
four SCLK cycles wide, on the interrupt pin (INT).
The three least significant bits, FLAG2-FLAG0,
are used to monitor the ram buffer. These bits con-
tinually change and indicate the position of the
buffer pointer which points to the buffer memory
location currently being written. Each flag has a
corresponding interrupt enable bit in IEnable regis-
ter 1 which, when set, allows a transition on the flag
to generate a pulse on the interrupt pin. FLAG0 and
FLAG1 cause interrupts on both edges whereas
FLAG2 causes an interrupt on the rising edge only.
Further information, including timing, on the flags
can be found in the Buffer Memory section.
The
next
five
bits;
ERF,
SLIP,
CCHG,
CRCE/CRC1, and CSDIF/CRC2, are latches
which are set when their corresponding conditions
occur, and are reset when SR1 is read. Interrupt
pulses are generated the first time that condition oc-
curs. If the status register is not read, further in-
stances of that same condition will not generate
another interrupt. ERF is the error flag bit and is set
when the ERF pin goes high. It is an OR’ing of the
errors listed in status register 2, bits 0 through 4,
AND’ed with their associated interrupt enable bits
in IEnable register 2.
A4/
13
VA+
FILT
AGND
MCK
19
21
22
20
9
10
SDATA
23
24
FCK
A0-
A3
D0-
D7
48
11
SCK
FSYNC
12
26
CS
RD/WR
4 X 8
25
ERF
14
INT
Buffer
Memory
28 X 8
Control
Registers
2 X 8
De-Multiplexor
Audio
Serial
Port
C.S.
user
aux
crc
check
no lock
Bi-phase
parity
validity
crc
slipped
RXP
RXN
7
8
VD+
DGND
Clock & Data
Recovery
Bi-phase
Decoder
Frequency
Comparator
IEnable
&
Status
Figure 4. CS8411 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com