Electronic Components Datasheet Search
  English  ▼

X  

CS8411 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8411
Description  DIGITAL AUDIO INTER FACE RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8411 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8411 Datasheet HTML 14Page - Cirrus Logic CS8411 Datasheet HTML 15Page - Cirrus Logic CS8411 Datasheet HTML 16Page - Cirrus Logic CS8411 Datasheet HTML 17Page - Cirrus Logic CS8411 Datasheet HTML 18Page - Cirrus Logic CS8411 Datasheet HTML 19Page - Cirrus Logic CS8411 Datasheet HTML 20Page - Cirrus Logic CS8411 Datasheet HTML 21Page - Cirrus Logic CS8411 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS8411 CS8412
18
DS61F1
portant ones; whereas, the last 20 bytes are often
not used (except for byte 23, CRC).
FLAG1 and FLAG2 can be used to monitor this
buffer as shown in Figure 13. FLAG1 is set high
when CS byte 1, location 09H, is written and is tog-
gled when every other byte is written. FLAG2 is set
high after CS byte 23 is written and set low after CS
byte 3, location 0BH, is written. FLAG2 deter-
mines whether the channel status pointer is writing
to the first four-byte section of the channel status
buffer or the second four-byte section, while
FLAG1 indicates which two bytes of the section
are free to update.
The auxiliary data buffer, locations 10H to 1FH, is
written to in a cyclic manner similar to the other
buffers. Four auxiliary data bits are received per
audio sample (sub-frame) and, since the auxiliary
data is four times larger than the user data, the aux-
iliary data buffer on the CS8411 is four times larger
allowing FLAG0 to be used to monitor both.
Buffer Mode 2
In buffer mode 2, two 8-byte buffers are available
to independently buffer each channel of channel
status data. Both buffers are identical to the channel
status buffer in mode 1 and are written to simulta-
neously, with locations 08H to 0FH containing CS
data for channel A and locations 10H to 17H con-
taining CS data for channel B. Both CS buffers can
be monitored using FLAG1 and FLAG2 as de-
scribed in the BUFFER MODE 1 section.
The two most significant bits in SR1 change defini-
tion for buffer mode 2. These two bits, when set, in-
dicate CRC errors for their respective channels. A
CRC error occurs when the internal calculated
CRC for channel status bytes 0 through 22 does not
match channel status byte 23. CCHG, bit 5 in SR1,
is set when any bit in the first four channel status
bytes of either channel changes from one block to
the next. Since channel status doesn’t change very
often, this bit may be monitored rather than check-
ing all the bits in the first four bytes. These bits are
illustrated in 6.
FLAG0
FLAG1
FLAG2
(384 Audio Samples)
Block
Left C.S. Ad.
01
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 0
1
C.S. Byte
(Addresses are in Hex)
(Expanded)
FLAG0
Left C.S. Ad.
User Address
08
0B 0C
0F 08
0F 0C
0F 0C
0F 0C
0F 0C
10
13 14
17 10
17
14
17 14
17 14
17 14
Right C.S. Ad.
Right C.S. Ad.
FLAG1
05
06
07
04
05
06
07
04
08
09
0A
0B
10
11
12
13
Figure 14. CS8411 Buffer Memory Write Sequence - MODE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com