Electronic Components Datasheet Search
  English  ▼

X  

CAT5409WI00 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5409WI00
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409WI00 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5409WI00 Datasheet HTML 1Page - ON Semiconductor CAT5409WI00 Datasheet HTML 2Page - ON Semiconductor CAT5409WI00 Datasheet HTML 3Page - ON Semiconductor CAT5409WI00 Datasheet HTML 4Page - ON Semiconductor CAT5409WI00 Datasheet HTML 5Page - ON Semiconductor CAT5409WI00 Datasheet HTML 6Page - ON Semiconductor CAT5409WI00 Datasheet HTML 7Page - ON Semiconductor CAT5409WI00 Datasheet HTML 8Page - ON Semiconductor CAT5409WI00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 15
1
Publication Order Number:
CAT5409/D
CAT5409
Quad Digital
Potentiometer (POT)
with 64 Taps
and I2C Interface
Description
The CAT5409 is four digital POTs integrated with control logic and
16 bytes of NVRAM memory.
A separate 6-bit control register (WCR) independently controls the
wiper tap position for each digital POT. Associated with each wiper
control register are four 6-bit non-volatile memory data registers (DR)
used for storing up to four wiper settings. Writing to the wiper control
register or any of the non-volatile data registers is via a I2C serial bus.
On power-up, the contents of the first data register (DR0) for each of
the four potentiometers is automatically loaded into its respective
wiper control register (WCR).
The Write Protection (WP) pin protects against inadvertent
programming of the data register.
The CAT5409 can be used as a potentiometer or as a two terminal,
variable resistor. It is intended for circuit level or system level
adjustments in a wide variety of applications.
Features
Four Linear Taper Digital Potentiometers
64 Resistor Taps per Potentiometer
End to End Resistance 2.5 kW, 10 kW, 50 kW or 100 kW
I2C Interface
Low Wiper Resistance, Typically 80 W
Four Non-volatile Wiper Settings for Each Potentiometer
Recall of Saved Wiper Settings at Power-up
2.5 to 6.0 Volt Operation
Standby Current less than 1 mA
1,000,000 Nonvolatile WRITE Cycles
100 Year Nonvolatile Memory Data Retention
24-lead SOIC and 24-lead TSSOP
Write Protection for Data Register
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
TSSOP24
Y SUFFIX
CASE 948AR
PIN CONNECTIONS
SOIC−24 (W)
(Top View)
WP
SDA
A1
RL1
1
RH1
RW1
A2
RW0
RH0
RL0
SOIC−24
W SUFFIX
CASE 751BK
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
VCC
NC
RL3
RH3
RW3
GND
NC
RW2
RH2
RL2
CAT5409
A0
NC
SCL
A3
TSSOP−24 (Y)
(Top View)
CAT5409
NC
RL3
RH3
RW3
A0
NC
A3
SCL
RL2
RH2
RW2
NC
VCC
RL0
RH0
RW0
A2
WP
SDA
A1
RL1
RH1
RW1
GND
1


Similar Part No. - CAT5409WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409WI00 ONSEMI-CAT5409WI00 Datasheet
252Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
More results

Similar Description - CAT5409WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com