Electronic Components Datasheet Search
  English  ▼

X  

CAT5419WI10 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5419WI10
Description  Dual Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5419WI10 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5419WI10 Datasheet HTML 1Page - ON Semiconductor CAT5419WI10 Datasheet HTML 2Page - ON Semiconductor CAT5419WI10 Datasheet HTML 3Page - ON Semiconductor CAT5419WI10 Datasheet HTML 4Page - ON Semiconductor CAT5419WI10 Datasheet HTML 5Page - ON Semiconductor CAT5419WI10 Datasheet HTML 6Page - ON Semiconductor CAT5419WI10 Datasheet HTML 7Page - ON Semiconductor CAT5419WI10 Datasheet HTML 8Page - ON Semiconductor CAT5419WI10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5419
http://onsemi.com
3
DEVICE OPERATION
The CAT5419 is two resistor arrays integrated with 2wire
serial interface logic, four 6-bit wiper control registers and
sixteen 6-bit, non-volatile memory data registers. Each
resistor array contains 63 separate resistive elements
connected in series. The physical ends of each array are
equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). RH and RL are symmetrical and
may be interchanged. The tap positions between and at the
ends of the series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one tap
point for each potentiometer is connected to its wiper
terminal at a time and is determined by the value of the wiper
control register. Data can be read or written to the wiper
control registers or the non-volatile memory data registers
via the 2-wire bus. Additional instructions allow data to be
transferred between the wiper control registers and each
respective potentiometer’s non-volatile data registers. Also,
the device can be instructed to operate in an
“increment/decrement” mode.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Temperature Under Bias
−55 to +125
C
Storage Temperature Range
−65 to +150
C
Voltage to any Pins with Respect to VSS (Notes 1, 2)
−2.0 to VCC +2.0
V
VCC with Respect to GND
−2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25C)
1.0
W
Lead Soldering Temperature (10 s)
300
C
Wiper Current
12
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
2. Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1 V to VCC + 1 V.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameters
Ratings
Units
VCC
+2.5 to 6.0
V
Industrial Temperature
−40 to +85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com