Electronic Components Datasheet Search
  English  ▼

X  

LM2524D Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2524D Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2524D Datasheet HTML 4Page - National Semiconductor (TI) LM2524D Datasheet HTML 5Page - National Semiconductor (TI) LM2524D Datasheet HTML 6Page - National Semiconductor (TI) LM2524D Datasheet HTML 7Page - National Semiconductor (TI) LM2524D Datasheet HTML 8Page - National Semiconductor (TI) LM2524D Datasheet HTML 9Page - National Semiconductor (TI) LM2524D Datasheet HTML 10Page - National Semiconductor (TI) LM2524D Datasheet HTML 11Page - National Semiconductor (TI) LM2524D Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Functional Description
INTERNAL VOLTAGE REGULATOR
The LM3524D has an on-chip 5V, 50 mA, short circuit pro-
tected voltage regulator. This voltage regulator provides a
supply for all internal circuitry of the device and can be used
as an external reference.
For input voltages of less than 8V the 5V output should be
shorted to pin 15, V
IN, which disables the 5V regulator. With
these pins shorted the input voltage must be limited to a
maximum of 6V. If input voltages of 6V–8V are to be used, a
pre-regulator, as shown in Figure 1, must be added.
OSCILLATOR
The LM3524D provides a stable on-board oscillator. Its fre-
quency is set by an external resistor, R
T and capacitor, CT.A
graph of R
T,CT vs oscillator frequency is shown is Figure 2.
The oscillator’s output provides the signals for triggering an
internal flip-flop, which directs the PWM information to the
outputs, and a blanking pulse to turn off both outputs during
transitions to ensure that cross conduction does not occur.
The width of the blanking pulse, or dead time, is controlled
by the value of C
T, as shown in Figure 3. The recommended
values of R
T are 1.8 k
Ω to 100 kΩ, and for C
T, 0.001 µF to
0.1 µF.
If two or more LM3524D’s must be synchronized together,
the easiest method is to interconnect all pin 3 terminals, tie
all pin 7’s (together) to a single C
T, and leave all pin 6’s open
except one which is connected to a single R
T. This method
works well unless the LM3524D’s are more than 6" apart.
A second synchronization method is appropriate for any
circuit layout. One LM3524D, designated as master, must
have its R
TCT set for the correct period. The other slave
LM3524D(s) should each have an R
TCT set for a 10% longer
period. All pin 3’s must then be interconnected to allow the
master to properly reset the slave units.
The oscillator may be synchronized to an external clock
source by setting the internal free-running oscillator fre-
quency 10% slower than the external clock and driving pin 3
with a pulse train (approx. 3V) from the clock. Pulse width
should be greater than 50 ns to insure full synchronization.
ERROR AMPLIFIER
The error amplifier is a differential input, transconductance
amplifier. Its gain, nominally 86 dB, is set by either feedback
or output loading. This output loading can be done with
either purely resistive or a combination of resistive and re-
active components. A graph of the amplifier’s gain vs output
load resistance is shown in Figure 4.
00865010
*Minimum CO of 10 µF required for stability.
FIGURE 1.
00865005
FIGURE 2.
00865006
FIGURE 3.
00865007
FIGURE 4.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com