Electronic Components Datasheet Search
  English  ▼

X  

LM2524D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2524D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2524D Datasheet HTML 1Page - National Semiconductor (TI) LM2524D Datasheet HTML 2Page - National Semiconductor (TI) LM2524D Datasheet HTML 3Page - National Semiconductor (TI) LM2524D Datasheet HTML 4Page - National Semiconductor (TI) LM2524D Datasheet HTML 5Page - National Semiconductor (TI) LM2524D Datasheet HTML 6Page - National Semiconductor (TI) LM2524D Datasheet HTML 7Page - National Semiconductor (TI) LM2524D Datasheet HTML 8Page - National Semiconductor (TI) LM2524D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2524D/LM3524D
Regulating Pulse Width Modulator
General Description
The LM3524D family is an improved version of the industry
standard LM3524. It has improved specifications and addi-
tional features yet is pin for pin compatible with existing 3524
families. New features reduce the need for additional exter-
nal circuitry often required in the original version.
The LM3524D has a ±1% precision 5V reference. The cur-
rent carrying capability of the output drive transistors has
been raised to 200 mA while reducing V
CEsat and increasing
V
CE breakdown to 60V. The common mode voltage range of
the error-amp has been raised to 5.5V to eliminate the need
for a resistive divider from the 5V reference.
In the LM3524D the circuit bias line has been isolated from
the shut-down pin. This prevents the oscillator pulse ampli-
tude and frequency from being disturbed by shut-down. Also
at high frequencies (
.300 kHz) the max. duty cycle per
output has been improved to 44% compared to 35% max.
duty cycle in other 3524s.
In addition, the LM3524D can now be synchronized exter-
nally, through pin 3. Also a latch has been added to insure
one pulse per period even in noisy environments. The
LM3524D includes double pulse suppression logic that in-
sures when a shut-down condition is removed the state of
the T-flip-flop will change only after the first clock pulse has
arrived. This feature prevents the same output from being
pulsed twice in a row, thus reducing the possibility of core
saturation in push-pull designs.
Features
n
Fully interchangeable with standard LM3524 family
n ±
1% precision 5V reference with thermal shut-down
n
Output current to 200 mA DC
n
60V output capability
n
Wide common mode input range for error-amp
n
One pulse per period (noise suppression)
n
Improved max. duty cycle at high frequencies
n
Double pulse suppression
n
Synchronize through pin 3
Connection Diagram
00865002
Top View
Order Number LM2524DN or LM3524DN
See NS Package Number N16E
Order Number LM3524DM
See NS Package Number M16A
March 2005
© 2005 National Semiconductor Corporation
DS008650
www.national.com


Similar Part No. - LM2524D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2524D TI-LM2524D Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
LM2524DN/NOPB TI-LM2524DN/NOPB Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results

Similar Description - LM2524D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
Regulating Pulse Width Modulator
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
Regulating Pulse Width Modulator?
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com