Electronic Components Datasheet Search
  English  ▼

X  

LM2524D Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2524D Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2524D Datasheet HTML 12Page - National Semiconductor (TI) LM2524D Datasheet HTML 13Page - National Semiconductor (TI) LM2524D Datasheet HTML 14Page - National Semiconductor (TI) LM2524D Datasheet HTML 15Page - National Semiconductor (TI) LM2524D Datasheet HTML 16Page - National Semiconductor (TI) LM2524D Datasheet HTML 17Page - National Semiconductor (TI) LM2524D Datasheet HTML 18Page - National Semiconductor (TI) LM2524D Datasheet HTML 19Page - National Semiconductor (TI) LM2524D Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Typical Applications (Continued)
TABLE 1.
Parameter
Conditions
Typical
Characteristics
Output Voltage
V
IN = 10V, Io =1A
5V
Switching Frequency
V
IN = 10V, Io =1A
20kHz
Short Circuit
V
IN = 10V
1.3A
Current Limit
Load Regulation
V
IN = 10V
3 mV
I
o =0.2−1A
Line Regulation
∆V
IN = 10 − 20V,
6 mV
I
o =1A
Efficiency
V
IN = 10V, Io = 1A
80%
Output Ripple
V
IN = 10V, Io = 1A
10 mVp-p
00865021
FIGURE 16. 5V, 1 Amp Switching Regulator, Foil Side
00865022
FIGURE 17. Stuffing Diagram, Component Side
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com