Electronic Components Datasheet Search
  English  ▼

X  

P50360 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # P50360
Description  Super high Flux output and high
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

P50360 Datasheet(HTML) 1 Page - Seoul Semiconductor

  P50360 Datasheet HTML 1Page - Seoul Semiconductor P50360 Datasheet HTML 2Page - Seoul Semiconductor P50360 Datasheet HTML 3Page - Seoul Semiconductor P50360 Datasheet HTML 4Page - Seoul Semiconductor P50360 Datasheet HTML 5Page - Seoul Semiconductor P50360 Datasheet HTML 6Page - Seoul Semiconductor P50360 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Binning and Labeling
1
Rev4.0, Aug 31, 2015
P50360 - P5-II Full color
High Power Full Color LED
P50360 Full color
Z Power LED
– P5-Ⅱ
•
Z-Power series is designed for high
current operation and high flux output
applications.
•
Z-Power LED's thermal management
perform exceeds other power LED
solutions.
•
It incorporates state of the art SMD
design and Thermal emission material.
•
Full color Z-Power LED is using 3 RGB
power chips and rendering 7colors.
•
In case of the full color product used in
architectural lighting or decoration, it
emits 7colors in one package so that it
can render a clear mixed color when it
is mixed with other colors..
•
Super high Flux output and high
Luminance
•
Designed for high current operation
•
Low thermal resistance
•
SMT solderability
•
Lead Free product
•
RoHS compliant
•
Mobile phone flash
•
Automotive interior /exterior lighting
•
Automotive signal lighting
•
Automotive forward lighting
•
Architectural lighting
•
LCD TV / Monitor Backlight
•
Projector light source
•
Traffic signals
•
Task lighting
•
Decorative / Pathway lighting
•
Remote / Solar powered lighting
•
Household appliances
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS


Similar Part No. - P50360

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P503-050 TRIPPLITE-P503-050 Datasheet
159Kb / 2P
VGA Coax Easy Pull Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 50- ft.
P503-100 TRIPPLITE-P503-100 Datasheet
159Kb / 2P
VGA Coax Easy Pull Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 100-ft.
logo
ETAL Group
P5033 ETAL-P5033 Datasheet
183Kb / 6P
ULTRA-LOW COST, LOW DISTORTION LINE MATCHING TRANSFORMER
More results

Similar Description - P50360

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
Super high Flux output and high Luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
Super high Flux output and high Luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
Super high Flux output and high Luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
Super high flux output and high luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
Super high flux output and high luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
Super high Flux output and high Luminance
SZ5-M0-WX-XX SEOUL-SZ5-M0-WX-XX Datasheet
954Kb / 24P
Super high Flux output and high
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com