Electronic Components Datasheet Search
  English  ▼

X  

P50360 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # P50360
Description  Super high Flux output and high
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

P50360 Datasheet(HTML) 4 Page - Seoul Semiconductor

  P50360 Datasheet HTML 1Page - Seoul Semiconductor P50360 Datasheet HTML 2Page - Seoul Semiconductor P50360 Datasheet HTML 3Page - Seoul Semiconductor P50360 Datasheet HTML 4Page - Seoul Semiconductor P50360 Datasheet HTML 5Page - Seoul Semiconductor P50360 Datasheet HTML 6Page - Seoul Semiconductor P50360 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.seoulsemicon.com
Binning and Labeling
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
P50360 - P5-II Full color
Rev4.0, Aug 31, 2015
Code Labeling
 Color Bin CIE 그래프는 한 장에 넣는다.
*Notes :
(1) Tolerance :
 10% of Luminous flux value, The list explains the photometric luminous flux bins for
Z-Power LED. Z-Power LED are tested and binned by photometric luminous flux. Not all bins are
available in all colors.
(2) Tolerance Dominant wavelength :
0.5 nm
(3) Tolerance :
0.06V, No further forward voltage binning available
Table 2. Bin Code description, I
F = 350mA, Ta = 25ºC
Part
Number
Luminous Flux (lm) (1)
Dominant Wavelength (nm)
Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
Min.
Max.
Red
P
24.5
32.0
R
618.0
629.0
2.00
3.00
Q
32.0
38.0
R
38.0
54.0
Blue
L
11.0
18.0
B
455
465
3.00
4.10
B1
455
460
O
18.0
24.5
B2
460
465
Green
S
54.0
70.0
F
518.0
525.0
3.00
4.20
G
525.0
530.0
T
70.0
91.0
G1
525.0
527.5
G2
527.5
530.0
U
91.0
118.5
H
530.0
535.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com