Electronic Components Datasheet Search
  English  ▼

X  

P50360 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # P50360
Description  Super high Flux output and high
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

P50360 Datasheet(HTML) 3 Page - Seoul Semiconductor

  P50360 Datasheet HTML 1Page - Seoul Semiconductor P50360 Datasheet HTML 2Page - Seoul Semiconductor P50360 Datasheet HTML 3Page - Seoul Semiconductor P50360 Datasheet HTML 4Page - Seoul Semiconductor P50360 Datasheet HTML 5Page - Seoul Semiconductor P50360 Datasheet HTML 6Page - Seoul Semiconductor P50360 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.seoulsemicon.com
Binning and Labeling
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
P50360 - P5-II Full color
Rev4.0, Aug 31, 2015
Product Nomenclature
 제품 명명법 (nomenclature)
Part Number Code
Description
Description
X
1
Part Number
Color
X
2
Z-Power LED Series
X
3
Lens Type
X
4
Chip quantity
X
5
Package outline size
X
6
Lens Type
X
7
Internal Number
SSC Internal number
X
8
SSC Internal number
X
9
Code Labeling
Luminous Flux (Red)
X
10
Luminous Flux (Blue)
X
11
Luminous Flux (Green)
X
12
Dominant Wavelength (Red)
X
13
Dominant Wavelength (Blue)
X
14
Dominant Wavelength (Green)
Table 1. Full code form : X
1X2X3X4X5X6-X7X8-X9X10X11X12X13X14
PART NO. :
QUANTITY : ###
LOT NUMBER : ##########
BIN CODE :
X
1 X2 X3 X4 X5 X6 – X7 X8
X
9 X10 X11 X12 X13 X14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com